công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD40109BMS bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện CD40109BMS
Giải thích chi tiết về linh kiện  CMOS Quad Low-to-High Voltage Level Shifter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40109BMS bảng dữ liệu(HTML) 8 Page - Intersil Corporation

  CD40109BMS Datasheet HTML 1Page - Intersil Corporation CD40109BMS Datasheet HTML 2Page - Intersil Corporation CD40109BMS Datasheet HTML 3Page - Intersil Corporation CD40109BMS Datasheet HTML 4Page - Intersil Corporation CD40109BMS Datasheet HTML 5Page - Intersil Corporation CD40109BMS Datasheet HTML 6Page - Intersil Corporation CD40109BMS Datasheet HTML 7Page - Intersil Corporation CD40109BMS Datasheet HTML 8Page - Intersil Corporation CD40109BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
7-43
CD40109BMS
FIGURE 8. TYPICAL LOW-TO-HIGH PROPAGATION DELAY
TIME AS A FUNCTION OF LOAD CAPACITANCE
FIGURE 9. TYPICAL INPUT SWITCHING AS A FUNCTION OF
HIGH LEVEL SUPPLY VOLTAGE
FIGURE 10. HIGH LEVEL SUPPLY VOLTAGE vs LOW LEVEL
SUPPLY VOLTAGE
FIGURE 11. TYPICAL DYNAMIC POWER DISSIPATION AS A
FUNCTION OF INPUT FREQUENCY
Test Circuit and Waveform
FIGURE 12. OUTPUT ENABLE DELAY TIMES TEST CIRCUIT AND WAVEFORMS
Typical Performance Characteristics (Continued)
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
50
100
150
175
125
75
25
0
30
50
60
100
20
VCC = 5V, VDD = 10V
VCC = 5V, VDD = 15V
VCC = 10V, VDD = 15V
10
40
70
80
90
VCC = 15V
AMBIENT TEMPERATURE (TA) = +25
oC
VCC = 10V
20
17.5
15
12.5
10
7.5
5
2.5
0
2
4
6
8
10
SUPPLY VOLTAGE (VDD) (V)
VIN
VSS
VOUT
VSS
50%
VDD
VCC
ENABLE = VCC
*VSWITCH
VCC = 5V
VSWITCH = INPUT VOLTAGE AT
WHICH OUTPUT LEVEL IS 50%
OF VDD - VSS
*
SUPPLY VOLTAGE (VCC) (V)
0
5
10
15
20
25
0
5
10
15
20
25
AMBIENT TEMPERATURE (TA) = +25
oC
RECOMMENDED
OPERATING
BOUNDARY
INPUT FREQUENCY (fi) (kHz)
8
6
4
2
105
8
6
4
2
104
8
6
4
2
103
8
6
4
2
102
10
1
8
6
4
2
10
8
6
4
2
102
103
104
105
8
6
4
28
6
4
28
6
4
2
VCC = 5V, VDD = 15V
VCC = 5V, VDD = 10V
AMBIENT TEMPERATURE (TA) = +25
oC
VCC = 10V, VDD = 15V
VCC = 5V, VDD = 10V
LOAD CAPACITANCE CL = 50pF
CL = 15pF
VCC
VSS
VDD
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A
INPUT
(SEE
B
(SEE
1K
RS
CL
50pF
PULSE
GENERATOR
OUTPUT
TABLE)
TABLE)
ENABLE
INPUT
VCC
VSS
VDD
OUTPUT
OUTPUT
50%
50%
90%
10%
90%
10%
VSS
tPLZ
tPZL
tPHZ
tPZH
VOH
VOL
CHAR
TEST VOLTAGE
AT A
AT B
tPHZ
VCC
VSS
tPLZ
VSS
VDD
tPZL
VSS
VDD
tPZH
VCC
VSS


Số phần tương tự - CD40109BMS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD40109B TI-CD40109B Datasheet
255Kb / 10P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
CD40109B TI1-CD40109B Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-High Voltage Lever Shifter
CD40109B-MIL TI1-CD40109B-MIL Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-High Voltage Lever Shifter
CD40109B-Q1 TI1-CD40109B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE SHIFTER
CD40109BE TI-CD40109BE Datasheet
255Kb / 10P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
More results

Mô tả tương tự - CD40109BMS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD40109BPWRE4 TI-CD40109BPWRE4 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-high Voltage Level Shifter
logo
STMicroelectronics
HCC40109B STMICROELECTRONICS-HCC40109B Datasheet
292Kb / 12P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
HCF40109B STMICROELECTRONICS-HCF40109B_03 Datasheet
300Kb / 10P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
HCF40109B STMICROELECTRONICS-HCF40109B Datasheet
266Kb / 9P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
logo
Texas Instruments
CD40109B-Q1 TI1-CD40109B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE SHIFTER
CD40109B TI-CD40109B Datasheet
255Kb / 10P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
CD40109B TI1-CD40109B_15 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-High Voltage Lever Shifter
CD4504B-EP TI1-CD4504B-EP_16 Datasheet
1,017Kb / 15P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050 Datasheet
40Kb / 7P
   Hex high-to-low level shifter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com