công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD40100BMS bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện CD40100BMS
Giải thích chi tiết về linh kiện  CMOS 32-Stage Static Left/Right Shift Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40100BMS bảng dữ liệu(HTML) 8 Page - Intersil Corporation

  CD40100BMS Datasheet HTML 1Page - Intersil Corporation CD40100BMS Datasheet HTML 2Page - Intersil Corporation CD40100BMS Datasheet HTML 3Page - Intersil Corporation CD40100BMS Datasheet HTML 4Page - Intersil Corporation CD40100BMS Datasheet HTML 5Page - Intersil Corporation CD40100BMS Datasheet HTML 6Page - Intersil Corporation CD40100BMS Datasheet HTML 7Page - Intersil Corporation CD40100BMS Datasheet HTML 8Page - Intersil Corporation CD40100BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
7-1284
CD40100BMS
Typical Performance Characteristics
FIGURE 2. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 3. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 4. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 5. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. TYPICAL PROPAGATION DELAY TIME (CLOCK TO
SHIFT LEFT/RIGHT) AS A FUNCTION OF LOAD
CAPACITANCE
FIGURE 7. TYPICAL TRANSITION TIME AS A FUNCTION OF
LOAD CAPACITANCE
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-20
-25
-30
0
-5
-10
-15
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
AMBIENT TEMPERATURE (TA) = +25
oC
200
0
20
40
60
80
100
LOAD CAPACITANCE (CL) (pF)
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
400
600
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
40
60
80
100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V


Số phần tương tự - CD40100BMS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4010 TI-CD4010 Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
logo
Fairchild Semiconductor
CD4010 FAIRCHILD-CD4010 Datasheet
53Kb / 5P
   Hex Buffers (Non-Inverting)
logo
Intersil Corporation
CD40101BMS INTERSIL-CD40101BMS Datasheet
105Kb / 8P
   CMOS 9-Bit Parity Generator/Checker
December 1992
logo
Texas Instruments
CD40102B TI-CD40102B Datasheet
572Kb / 14P
[Old version datasheet]   CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
CD40102BE TI-CD40102BE Datasheet
572Kb / 14P
[Old version datasheet]   CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
More results

Mô tả tương tự - CD40100BMS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
HCC40100B STMICROELECTRONICS-HCC40100B Datasheet
287Kb / 13P
   32-STAGE STATIC LEFT/RIGHT SHIFT REGISTER
logo
Intersil Corporation
CD4031BMS INTERSIL-CD4031BMS Datasheet
97Kb / 10P
   CMOS 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4031B TI-CD4031B Datasheet
265Kb / 6P
[Old version datasheet]   CMOS 64-STAGE STATIC SHIFT REGISTER
CD4006B TI-CD4006B Datasheet
217Kb / 5P
[Old version datasheet]   CMOS 18-STAGE STATIC SHIFT REGISTER
CD4021B-Q1 TI1-CD4021B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS 8-STAGE STATIC SHIFT REGISTER
CD4006BE TI-CD4006BE Datasheet
368Kb / 8P
[Old version datasheet]   CMOS 18-Stage Static Shift Register
logo
Intersil Corporation
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
   CMOS Dual 64-Stage Static Shift Register
December 1992
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
[Old version datasheet]   CMOS Dual 4-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com