công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM741CN bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện LM741CN
Giải thích chi tiết về linh kiện  0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LM741CN bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  LM741CN Datasheet HTML 1Page - Intersil Corporation LM741CN Datasheet HTML 2Page - Intersil Corporation LM741CN Datasheet HTML 3Page - Intersil Corporation LM741CN Datasheet HTML 4Page - Intersil Corporation LM741CN Datasheet HTML 5Page - Intersil Corporation LM741CN Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
CA741, CA741C, CA1458, CA1558,
LM741, LM741C, LM1458
0.9MHz Single and Dual, High Gain
Operational Amplifiers for Military,
Industrial and Commercial Applications
The CA1458, CA1558 (dual types); CA741C, CA741 (single
types); high-gain operational amplifiers for use in military,
industrial, and commercial applications.
These monolithic silicon integrated circuit devices provide
output short circuit protection and latch-free operation.
These types also feature wide common mode and
differential mode signal ranges and have low offset voltage
nulling capability when used with an appropriately valued
potentiometer. A 10k
Ω potentiometer is used for offset
nulling types CA741C, CA741 (see Figure 1). Types
CA1458, CA1558 have no specific terminals for offset
nulling. Each type consists of a differential input amplifier
that effectively drives a gain and level shifting stage having
a complementary emitter follower output.
The manufacturing process make it possible to produce IC
operational amplifiers with low burst “popcorn’’ noise
characteristics.
Technical Data on LM Branded types is identical to the
corresponding CA Branded types.
Features
• Input Bias Current . . . . . . . . . . . . . . . . . . . . 500nA (Max)
• Input Offset Current . . . . . . . . . . . . . . . . . . . 200nA (Max)
Applications
• Comparator
• Multivibrator
• DC Amplifier
• Summing Amplifier
• Integrator or Differentiator
• Narrow Band or Band Pass Filter
Pinouts
Ordering Information
PART
NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG. NO.
CA0741E
-55 to 125
8 Ld PDIP
E8.3
CA0741CE
0 to 70
8 Ld PDIP
E8.3
CA1458E
0 to 70
8 Ld PDIP
E8.3
CA1558E
-55 to 125
8 Ld PDIP
E8.3
CA0741T
-55 to 125
8 Pin Metal Can
T8.C
CA0741CT
0 to 70
8 Pin Metal Can
T8.C
CA1558T
-55 to 125
8 Pin Metal Can
T8.C
LM741N
-55 to 125
8 Ld PDIP
E8.3
LM741CN
0 to 70
8 Ld PDIP
E8.3
LM1458N
0 to 70
8 Ld PDIP
E8.3
CA741, CA741C (CAN)
TOP VIEW
CA1558 (METAL CAN)
TOP VIEW
CA741, CA741C, LM741, LM741C (PDIP)
TOP VIEW
CA1458, CA1558, LM1458 (PDIP)
TOP VIEW
NC
OUT
INV.
V-
OFFSET
NON-INV.
V+
OFFSET
2
4
6
1
3
7
5
8
-
+
NULL
INPUT
INPUT
NULL
V+
INV. INPUT
INV. INPUT
V-
OUTPUT
NON-INV.
OUTPUT
NON-INV.
2
4
6
1
3
7
5
8
(B)
(B)
INPUT (B)
INPUT (A)
(A)
(A)
AB
+
+
OFFSET NULL
INV. INPUT
NON-INV. INPUT
V-
1
2
3
4
8
7
6
5
NC
V+
OUTPUT
OFFSET NULL
-
+
OUTPUT (A)
INV. INPUT (A)
NON-INV. INPUT (A)
V-
1
2
3
4
8
7
6
5
V+
OUTPUT (B)
INV. INPUT (B)
NON-INV. INPUT (B)
A
B
Data Sheet
September 1998
File Number
531.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Số phần tương tự - LM741CN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM741CN NSC-LM741CN Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
logo
Fairchild Semiconductor
LM741CN FAIRCHILD-LM741CN Datasheet
114Kb / 10P
   Single Operational Amplifier
LM741CN FAIRCHILD-LM741CN Datasheet
183Kb / 10P
   Single Operational Amplifier
logo
Intersil Corporation
LM741CN INTERSIL-LM741CN Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
logo
Texas Instruments
LM741CN TI1-LM741CN Datasheet
365Kb / 11P
[Old version datasheet]   LM741 Operational Amplifier
More results

Mô tả tương tự - LM741CN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
logo
Harris Corporation
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com