công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA0723T bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện CA0723T
Giải thích chi tiết về linh kiện  Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA0723T bảng dữ liệu(HTML) 9 Page - Intersil Corporation

  CA0723T Datasheet HTML 1Page - Intersil Corporation CA0723T Datasheet HTML 2Page - Intersil Corporation CA0723T Datasheet HTML 3Page - Intersil Corporation CA0723T Datasheet HTML 4Page - Intersil Corporation CA0723T Datasheet HTML 5Page - Intersil Corporation CA0723T Datasheet HTML 6Page - Intersil Corporation CA0723T Datasheet HTML 7Page - Intersil Corporation CA0723T Datasheet HTML 8Page - Intersil Corporation CA0723T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
3-11
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
FIGURE 26. POSITIVE FLOATING REGULATOR CIRCUIT
FIGURE 27. NEGATIVE FLOATING REGULATOR CIRCUIT
FIGURE 28. REMOTE SHUTDOWN REGULATOR CIRCUIT
WITH CURRENT LIMITING
FIGURE 29. SHUNT REGULATOR CIRCUIT
Typical Application Circuits (Continued)
V+
VC
VZ
VREF
V-
COMP
C1
0.001
µF
CURRENT
LIMIT
REGULATED
OUTPUT-50V
CURRENT
SENSE
INV.
INPUT
INV.
INPUT
NON
R3
3k
VO
R5
3.9k
R4
3k
Circuit Performance Data:
Line Regulation (
∆V = 20V) 15mV
Load Regulation (
∆IL = 50mA) 20mV
R1
R2
VI = 85V
TI
2N3442
RSCP
1
D1
12V
SK3062
NOTE: For applications employing the TO-5 Style Package and
where VZ is required, an external 6.2V zener diode should
be connected in series with VO (terminal 6)
V+
VC
VZ
VREF
V-
COMP
C1
0.001
µF
CURRENT
LIMIT
REGULATED
OUTPUT-100V
CURRENT
SENSE
INV.
INPUT
INV.
INPUT
NON
R3
3k
VO
R6
10k
R4
3k
Circuit Performance Data:
Line Regulation (
∆VI = 20V) 30mV
Load Regulation (
∆IL =100mA) 20mV
R2
R1
VI
TI
2N6211
D1
12V
SK3062
R5
10k
NOTE: For applications employing the TO-5 Style Package and
where VZ is required, an external 6.2V zener diode should
be connected in series with VO (terminal 6)
VI
V+
VC
VO RSCP
VREF
NON
INV
INPUT
V-
COMP
CURRENT
LIMIT
REGULATED
OUTPUT 5V
CURRENT
SENSE
INV.
INPUT
C1
0.001
µF
Circuit Performance Data:
Line Regulation (
∆VI = 3V) 0.5mV
Load Regulation (
∆IL = 50mA) 1.5mV
R1
R2
R4
2k
R3
2.k
Short Circuit Current 20mA
NOTE: 1. A current limiting transistor may be used for shutdown if
2. Add a diode if VO > 10V.
current limiting is not required.
NOTE 2
CCSL
LOGIC
INPUT
TI
2N3053
V+
VC
VO
VREF
INV
INPUT
V-
COMP
CURRENT LIMIT
REGULATED
OUTPUT 5V
CURRENT SENSE
NON INV.
INPUT
C1
0.005
µF
Circuit Performance Data:
Line Regulation (
∆VI = 10V) 0.5mV
Load Regulation (
∆IL = 100mA) 1.5mV
R1
R2
R4
100
R3
100
NOTE: For applications employing the TO-5 Style Package and
where VZ is required, an external 6.2V zener diode
should be connected in series with VO (terminal 6).
C
VZ
VI
CA723, CA723C


Số phần tương tự - CA0723T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA0741CE INTERSIL-CA0741CE Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
CA0741CE INTERSIL-CA0741CE Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA0741CT INTERSIL-CA0741CT Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
CA0741CT INTERSIL-CA0741CT Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA0741E INTERSIL-CA0741E Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
More results

Mô tả tương tự - CA0723T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Harris Corporation
CA723 HARRIS-CA723 Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
CA3085 HARRIS-CA3085 Datasheet
436Kb / 8P
   Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
   Output Voltage Adjustable from 1.30V to 36V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
   Output voltage adjustable from 5V to 30V
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Holtek Semiconductor In...
HT16X2TX HOLTEK-HT16X2TX Datasheet
1Mb / 13P
   Operating voltage: 2V ~ 3.6V Output power up to 10dBm
logo
STMicroelectronics
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
Unisonic Technologies
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com