công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA0723T bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện CA0723T
Giải thích chi tiết về linh kiện  Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA0723T bảng dữ liệu(HTML) 8 Page - Intersil Corporation

  CA0723T Datasheet HTML 1Page - Intersil Corporation CA0723T Datasheet HTML 2Page - Intersil Corporation CA0723T Datasheet HTML 3Page - Intersil Corporation CA0723T Datasheet HTML 4Page - Intersil Corporation CA0723T Datasheet HTML 5Page - Intersil Corporation CA0723T Datasheet HTML 6Page - Intersil Corporation CA0723T Datasheet HTML 7Page - Intersil Corporation CA0723T Datasheet HTML 8Page - Intersil Corporation CA0723T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3-10
FIGURE 22. NEGATIVE VOLTAGE REGULATOR CIRCUIT
FIGURE 23. POSITIVE VOLTAGE REGULATOR CIRCUIT (WITH
EXTERNAL NPN PASS TRANSISTOR)
FIGURE 24.
POSITIVE VOLTRAGE REGULATOR CIRCUIT
(WITH EXTERNAL PNP PASS TRANSISTOR)
FIGURE 25. FOLDBACK CURRENT LIMITING CIRCUIT
Typical Application Circuits (Continued)
V+
VC
VO
VREF
V-
COMP
C1
100pF
CURRENT
LIMIT
REGULATED
OUTPUT-15V
CURRENT
SENSE
INV.
INPUT
INV.
INPUT
NON
R1
R3
3k
VZ
R5
2k
R4
3k
R2
Circuit Performance Data:
Line Regulation (
∆VI = 3V) 1mV
Load Regulation (
∆IL = 100mA) 2mV
Note: For Applications Employing the TO-5 Style Package
and Where VZ Is Required, An External; 6.2V Zener Diode
Should be Connected in Series with VO (Terminal 6).
VI
VI
V+
VC
VO
RSCP
VREF
NON
INV
INPUT
V-
COMP
R1
CURRENT
LIMIT
REGULATED
OUTPUT 15V
CURRENT
SENSE
INV.
INPUT
R2
C1
100pF
Circuit Performance Data:
Line Regulation (
∆VI = 3V) 1.5mV
Load Regulation (
∆IL = 1A) 15mV
VI
VO
RSCP
VREF
NON
INV
INPUT
V-
COMP
R1
CURRENT
LIMIT
REGULATED
OUTPUT 5V
CURRENT
SENSE
INV.
INPUT
R2
C1
0.001
µF
Circuit Performance Data:
Line Regulation (
∆VI = 3V) 0.5mV
Load Regulation (
∆IL = 1A) 5mV
V+
R3
60
VC
2N5956
OR
2N6108
VI
V+
VC
VO
RSCP
VREF
NON
INV
INPUT
V-
COMP
CURRENT
LIMIT
REGULATED
OUTPUT 5V
CURRENT
SENSE
INV.
INPUT
C1
0.001
µF
Circuit Performance Data:
Line Regulation (
∆V = 3V) 0.5mV
Load Regulation (
∆IL = 10mA) 1mV
R1
R2
30
R4
5.6k
R3
2.7k
Short Circuit Current 20mA
CA723, CA723C


Số phần tương tự - CA0723T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA0741CE INTERSIL-CA0741CE Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
CA0741CE INTERSIL-CA0741CE Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA0741CT INTERSIL-CA0741CT Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
CA0741CT INTERSIL-CA0741CT Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA0741E INTERSIL-CA0741E Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
More results

Mô tả tương tự - CA0723T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Harris Corporation
CA723 HARRIS-CA723 Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
CA3085 HARRIS-CA3085 Datasheet
436Kb / 8P
   Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
   Output Voltage Adjustable from 1.30V to 36V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
   Output voltage adjustable from 5V to 30V
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Holtek Semiconductor In...
HT16X2TX HOLTEK-HT16X2TX Datasheet
1Mb / 13P
   Operating voltage: 2V ~ 3.6V Output power up to 10dBm
logo
STMicroelectronics
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
Unisonic Technologies
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com