công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA0555E bảng dữ liệu(PDF) 6 Page - Intersil Corporation

tên linh kiện CA0555E
Giải thích chi tiết về linh kiện  Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA0555E bảng dữ liệu(HTML) 6 Page - Intersil Corporation

  CA0555E Datasheet HTML 1Page - Intersil Corporation CA0555E Datasheet HTML 2Page - Intersil Corporation CA0555E Datasheet HTML 3Page - Intersil Corporation CA0555E Datasheet HTML 4Page - Intersil Corporation CA0555E Datasheet HTML 5Page - Intersil Corporation CA0555E Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
FIGURE 11. OUTPUT VOLTAGE LOW STATE vs SINK
CURRENT
FIGURE 12. OUTPUT VOLTAGE LOW STATE vs SINK
CURRENT
FIGURE 13. DELAY TIME vs SUPPLY VOLTAGE
FIGURE 14. DELAY TIME vs TEMPERATURE
NOTE: Where x is the decimal multiplier of the supply voltage.
FIGURE 15. PROPAGATION DELAY TIME vs TRIGGER VOLTAGE
Typical Performance Curves (Continued)
SINK CURRENT (mA)
100
10
1
10.0
1.0
0.1
0.01
25oC
125oC
V+ = 10V
125oC
25oC
TA = -55
oC
SINK CURRENT (mA)
100
10
1
10.0
1.0
0.1
0.01
-55oC
V+ = 15V
125oC
25oC
TA = -55
oC
SUPPLY VOLTAGE (V)
15
12.5
10
7.5
5
2.5
0
1.100
1.000
0.990
0.980
TA = 25
oC
17.5
TEMPERATURE (oC)
100
75
50
25
0
-25
-75
1.005
0.995
0.985
125
-50
MINIMUM TRIGGER (PULSE) VOLTAGE (x V+) (NOTE)
0.4
0.3
0.2
0.1
0
150
100
50
TA = -55
oC
0oC
200
250
300
25oC
125oC
70oC
CA555, CA555C, LM555C


Số phần tương tự - CA0555E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Harris Corporation
CA0555E HARRIS-CA0555E Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
CA0555E HARRIS-CA0555E Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
More results

Mô tả tương tự - CA0555E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA0555 HARRIS-CA0555 Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com