công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA5470 bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện CA5470
Giải thích chi tiết về linh kiện  Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5470 bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  CA5470 Datasheet HTML 1Page - Intersil Corporation CA5470 Datasheet HTML 2Page - Intersil Corporation CA5470 Datasheet HTML 3Page - Intersil Corporation CA5470 Datasheet HTML 4Page - Intersil Corporation CA5470 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3-159
Block Diagram (1/4 of CA5470)
Electrical Specifications
TA = -55
oC to 125oC, V
SUPPLY = ±7.5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
|VIO|-
5
30
mV
Input Offset Current
|IIO|
-
550
5500
pA
Input Current
II
-
1100
11000
pA
Common Mode Input Range
VICR
5.8
-7.8 to 6.0
-7.5
V
Common Mode Rejection Ratio
CMRR
VICR = 0V to 3.5V
58
70
-
dB
Power Supply Rejection Ratio
PSRR
∆V = 1V
60
76
-
dB
Positive Output Voltage Swing
VOM+
RL = 2kΩ to GND
4.75
5.5
-
V
RL = 10kΩ to GND
6.1
6.4
-
V
Negative Output Voltage Swing
VOM-
RL = 2kΩ to GND
-
-2.6
-2
V
RL = 10kΩ to GND
-
-7.3
-7.1
V
Total Supply Current
ISUPPLY
VOUT = GND, RL =
-12
18
mA
Unity Gain Bandwidth Product
fT
10
15
-
MHz
Slew Rate
SR
3
7
-
V/
µs
Output Current
Source to opposite supply
ISOURCE
6.2
6.8
-
mA
Sink to opposite supply
ISlNK
1
1.4
-
mA
Open Loop Gain
AOL
-5V to +5V, RL = 10kΩ
80
90
-
dB
AV 30dB
AV 54dB
AV
6dB
+INPUT
-INPUT
4 1.8mA/AMP
V+
150
µA
100
µA
320
µA50µA50µA
1.2mA
OUTPUT
11
2k
TO BIAS
CIRCUIT
GND OR
- SUPPLY
OUTPUT STAGE
COMPOSITE MILLER
GAIN STAGE
GROUNDED GATE
LEVEL SHIFTER
PMOS DIFFERENTIAL
INPUT STAGE
2k
CA5470


Số phần tương tự - CA5470

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
CA5470E INTERSIL-CA5470E Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
CA5470M INTERSIL-CA5470M Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
CA5470M96 INTERSIL-CA5470M96 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
More results

Mô tả tương tự - CA5470

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com