công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA5160M96 bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện CA5160M96
Giải thích chi tiết về linh kiện  4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5160M96 bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  CA5160M96 Datasheet HTML 1Page - Intersil Corporation CA5160M96 Datasheet HTML 2Page - Intersil Corporation CA5160M96 Datasheet HTML 3Page - Intersil Corporation CA5160M96 Datasheet HTML 4Page - Intersil Corporation CA5160M96 Datasheet HTML 5Page - Intersil Corporation CA5160M96 Datasheet HTML 6Page - Intersil Corporation CA5160M96 Datasheet HTML 7Page - Intersil Corporation CA5160M96 Datasheet HTML 8Page - Intersil Corporation CA5160M96 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
3-1
September 1998
CA5160
4MHz, BiMOS Microprocessor Operational
Amplifiers with MOSFET Input/CMOS Output
Features
• MOSFET Input Stage
- Very High ZI; 1.5TΩ (1.5 x 10
12Ω) (Typ)
- Very Low II; 5pA (Typ) at 15V Operation
2pA (Typ) at 5V Operation
• Common-Mode Input Voltage Range Includes
Negative Supply Rail; Input Terminals Can be
Swung 0.5V Below Negative Supply Rail
• CMOS Output Stage Permits Signal Swing to Either
(or Both) Supply Rails
• CA5160 Has Full Military Temperature Range
Guaranteed Specifications for V+ = 5V
• CA5160 is Guaranteed to Operate Down to 4.5V for AOL
• CA5160 is Guaranteed Up to
±7.5V
Applications
• Ground Referenced Single Supply Amplifiers
• Fast Sample-Hold Amplifiers
• Long Duration Timers/Monostables
• Ideal Interface With Digital CMOS
• High Input Impedance Wideband Amplifiers
• Voltage Followers (e.g., Follower for Single Supply
D/A Converter)
• Wien-Bridge Oscillators
• Voltage Controlled Oscillators
• Photo Diode Sensor Amplifiers
• 5V Logic Systems
• Microprocessor Interface
Description
CA5160 is an integrated circuit operational amplifier that com-
bines the advantage of both CMOS and bipolar transistors on
a monolithic chip. The CA5160 is a frequency compensated
version of the popular CA5130 series. It is designed and guar-
anteed to operate in microprocessor or logic systems that use
+5V supplies.
Gate-protected P-Channel MOSFET (PMOS) transistors are
used in the input circuit to provide very high input impedance,
very low input current, and exceptional speed performance.
The use of PMOS field effect transistors in the input stage
results in common-mode input voltage capability down to 0.5V
below the negative supply terminal, an important attribute in
single supply applications.
A complementary symmetry MOS (CMOS) transistor pair,
capable of swinging the output voltage to within 10mV of
either supply voltage terminal (at very high values of load
impedance), is employed as the output circuit.
The CA5160 operates at supply voltages ranging from +5V to
+16V, or
±2.5V to ±8V when using split supplies, and have ter-
minals for adjustment of offset voltage for applications requir-
ing offset-null capability. Terminal provisions are also made to
permit strobing of the output stage. It has guaranteed specifi-
cations for 5V operation over the full military temperature
range of -55oC to 125oC.
Pinout
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA5160E
-55 to 125
8 Ld PDIP
E8.3
CA5160M96
(5160)
-55 to 125
8 Ld SOIC
Tape and Reel
M8.15
CA5160 (PDIP, SOIC)
TOP VIEW
NOTE: CA5160 devices have an on-chip frequency compensation network. Supplementary phase-compensation or frequency roll-off
(if desired) can be connected externally between terminals 1 and 8.
NON INV. INPUT
V-
1
2
3
8
7
6
5
STROBE
V+
OUTPUT
OFFSET NULL
OFFSET NULL
4
INV. INPUT
+
-
File Number
1924.4
NOT RECOMMENDED FOR NEW DESIGNS
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Số phần tương tự - CA5160M96

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA5160M96 INTERSIL-CA5160M96 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
More results

Mô tả tương tự - CA5160M96

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
CA5260 INTERSIL-CA5260 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA5260 INTERSIL-CA5260_05 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com