công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3420 bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện CA3420
Giải thích chi tiết về linh kiện  0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3420 bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  CA3420 Datasheet HTML 1Page - Intersil Corporation CA3420 Datasheet HTML 2Page - Intersil Corporation CA3420 Datasheet HTML 3Page - Intersil Corporation CA3420 Datasheet HTML 4Page - Intersil Corporation CA3420 Datasheet HTML 5Page - Intersil Corporation CA3420 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Typical Applications
Picoammeter Circuit
The exceptionally low input current (typically 0.2pA) makes
the CA3420 highly suited for use in a picoammeter circuit.
With only a single 10G
Ω resistor, this circuit covers the range
from
±1.5pA. Higher current ranges are possible with suitable
switching techniques and current scaling resistors. Input
transient protection is provided by the 1M
Ω resistor in series
with the input. Higher current ranges require that this resistor
be reduced. The 10M
Ω resistor connected to pin 2 of the
CA3420 decouples the potentially high input capacitance
often associated with lower current circuits and reduces the
tendency for the circuit to oscillate under these conditions.
High Input Resistance Voltmeter
Advantage is taken of the high input impedance of the CA3420
in a high input resistance DC voltmeter. Only two 1.5V “AA”
type penlite batteries power this exceedingly high-input
resistance (>1,000,000M
Ω) DC voltmeter. Full-scale deflection
is
±500mV, ±150mV, and ±15mV. Higher voltage ranges are
easily added with external input voltage attenuator networks.
The meter is placed in series with the gain network, thus
eliminating the meter temperature coefficient error term.
Supply current in the standby position with the meter
undeflected is 300
µA. At full-scale deflection this current
rises to 800
µA. Carbon-zinc battery life should be in excess
of 1,000 hours.
Electrical Specifications
For Equipment Design, at VSUPPLY = ±10V, TA = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
CA3420
CA3420A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
|VIO|
-
5
10
-
2
5
mV
Input Offset Current (Note 4)
|IIO|
-
0.03
4
-
0.03
4
pA
Input Current (Note 4)
|II|
-
0.05
5
-
0.05
5
pA
Large Signal Voltage Gain
AOL
RL = 10kΩ
10
100
-
20
100
-
kV/V
80
100
-
86
100
-
dB
Common Mode Rejection Ratio
CMRR
-
100
320
-
100
320
µV/V
70
80
-
70
80
-
dB
Common Mode Input Voltage Range
VlCR+
8.5
9.3
-
9.0
9.3
-
V
VlCR-
-10
-10.3
-
-10
-10.3
-
V
Power Supply Rejection Ratio
PSRR
∆VIO/∆V
-
32
320
-
32
320
µV/V
70
90
-
70
90
-
dB
Max Output Voltage
VOM+RL =
9.7
9.9
-
9.7
9.9
-
V
VOM-
-9.7
-9.85
-
-9.7
-9.85
-
V
Supply Current
I+
-
450
1000
-
450
1000
µA
Device Dissipation
PD
-
9
14
-
9
14
mW
Input Offset Voltage Temperature Drift
∆VlO/∆T
-
4-
-
4-
µV/oC
NOTE:
4. The maximum limit represents the levels obtainable on high speed automatic test equipment. Typical values are obtained under laboratory conditions.
3
CA3420
4
500-0-500
7
+1.5V
5
1
2
-1.5V
10pF
10G
10M
1M
BATTERY
RETURNS
10k
6
M
µA
±50pA
±15pA
±5pA
±1.5pA
11k
1.5k
Ω, 1%
1.5k
1k
430
Ω, 1%
150
Ω, 1%
68
1%
-
+
FIGURE 1. PICOAMMETER CIRCUIT
2
CA3420
4
500-0-500
7
+1.5V
5
1
3
-1.5V
10M
22M
BATTERY
RETURNS
10k
6
M
µA
±500mV
±150mV
±50mV
±15mV
1.1k
1.5k
Ω, 1%
1.5k
1k
430
Ω, 1%
150
Ω, 1%
68
1%
-
+
100pF
FIGURE 2. HIGH INPUT RESISTANCE VOLTMETER
CA3420, CA3420A


Số phần tương tự - CA3420

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3420 INTERSIL-CA3420 Datasheet
216Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Renesas Technology Corp
CA3420 RENESAS-CA3420 Datasheet
330Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Intersil Corporation
CA3420E INTERSIL-CA3420E Datasheet
216Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Renesas Technology Corp
CA3420E RENESAS-CA3420E Datasheet
330Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Intersil Corporation
CA3420EZ INTERSIL-CA3420EZ Datasheet
216Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
More results

Mô tả tương tự - CA3420

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA5420A INTERSIL-CA5420A Datasheet
192Kb / 8P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
logo
Renesas Technology Corp
CA5420A RENESAS-CA5420A Datasheet
558Kb / 9P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
logo
Intersil Corporation
CA5420A INTERSIL-CA5420A_05 Datasheet
213Kb / 7P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
logo
Renesas Technology Corp
CA3420 RENESAS-CA3420 Datasheet
330Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Intersil Corporation
CA3420 INTERSIL-CA3420_05 Datasheet
216Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Analog Devices
PM208 AD-PM208_15 Datasheet
1Mb / 4P
   LOW INPUT CURRENT OPERATIONAL AMPLIFIERS
logo
Linear Technology
LF155A LINER-LF155A Datasheet
422Kb / 4P
   JFET-Input Operational Amplifiers Low Supply Current High Speed
logo
Rohm
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com