công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3310 bảng dữ liệu(PDF) 11 Page - Intersil Corporation

tên linh kiện CA3310
Giải thích chi tiết về linh kiện  CMOS, 10-Bit, A/D Converters with Internal Track and Hold
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3310 bảng dữ liệu(HTML) 11 Page - Intersil Corporation

Back Button CA3310 Datasheet HTML 7Page - Intersil Corporation CA3310 Datasheet HTML 8Page - Intersil Corporation CA3310 Datasheet HTML 9Page - Intersil Corporation CA3310 Datasheet HTML 10Page - Intersil Corporation CA3310 Datasheet HTML 11Page - Intersil Corporation CA3310 Datasheet HTML 12Page - Intersil Corporation CA3310 Datasheet HTML 13Page - Intersil Corporation CA3310 Datasheet HTML 14Page - Intersil Corporation CA3310 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
6-16
will shut off after entering period 2. The input will continue to
track the DRDY output will remain high during this time.
A low signal applied to STRT (at least tW STRT wide) can
now initiate a new conversion. The STRT signal (after a
delay of tD3 DRDY) will cause the DRDY flag to drop, and
(after a delay of tD CLK) cause the clock to restart.
Depending on how long the clock was shut off, the low
portion of clock period 2 may be longer than during the
remaining cycles.
The input will continue to track until the end of period 3, the
same as when free-running.
Figure 4 illustrates the same operation as above, but with an
external clock. If STRT is removed (at least tR STRT) before
clock period 1, and not reapplied during that period, the
clock will continue to cycle in period 2. A low signal applied
to STRT will drop the DRDY flag as before, and with the first
positive-going clock edge that meets the tSU STRT set-up
time, the converter will continue with clock period 3.
The DRDY flag output, as described previously, goes active
at the start of period 1, and drops at the start of period 2 or
upon a new STRT command, whichever is later. It may also
be controlled with the DRST (Data Ready Reset) input.
Figure 5 depicts this operation.
DRST must be removed (at least tR DRST) before the start
of period 1 to allow DRDY to go high. A low level on DRST
(at least tW DRST wide) will (after a delay of tD4 DRDY) drop
DRDY.
Analog Input
The analog input pin is a predominantly capacitive load that
changes between the track and hold periods of a conversion
cycle. During hold, clock period 4 through 13, the input
loading is leakage and stray capacitance, typically less than
0.1
µA and 20pF.
At the start of input tracking, clock period 1, some charge is
dumped back to the input pin. The input source must have low
enough impedance to dissipate the charge by the end of the
tracking period. The amount of charge is dependent on supply
and input voltages. Figure 8 shows typical peak input currents
for various supply and input voltages, while Figure 9 shows
typical average input currents. The average current is also pro-
portional to clock frequency, and should be scaled accordingly.
During tracking, the input appears as approximately a 300pF
capacitor in series with 330
Ω, for a 100ns time constant. A
full-scale input swing would settle to 1/2 LSB (
1/
2048) in 7RC
time constants. Doing continuous conversions with a 1MHz
clock provides 3
µs of tracking time, so up to 1kΩ of external
source impedance (400ns time constant) would allow proper
settling of a step input.
If the clock was slower, or the converter was not restarted
immediately (causing a longer sample lime), a higher source
impedance could be used.
The CA3310s low-input time constant also allows good
tracking of dynamic input waveforms. The sampling rate with
a 1MHz clock is approximately 80kHz. A Nyquist rate
(fSAMPLE/2) input sine wave of 40kHz would have negligible
attenuation and a phase lag of only 1.5 degrees.
Accuracy Specifications
The CA3310 accepts an analog input between the values of
VREF- and VREF+, and quantizes it into one of 2
10 or 1024
output codes. Each code should exist as the input is varied
through a range of 1/1024 X (VREF+ - VREF-), referred to as
1 LSB of input voltage. A differential Iinearity error, illustrated
in Figure 17, occurs if an output code occurs over other than
the ideal (1 LSB) input range. Note that as long as the error
does not reach -1 LSB, the converter will not miss any codes.
The CA3310 output should change from a code of 00016 to
00116 at an input voltage of (VREF- +1 LSB). It should also
change from a code of 3FE16 to 3FF16 at an input of
(VREF+ -1 LSB). Any differences between the actual and
expected input voltages that cause these transitions are the
offset and gain errors, respectively. Figure 18 illustrates
these errors.
As the input voltage is increased linearly from the point that
causes the 00016 to 00116 transition to the point that causes
the 3FE16 to 3FF16 transition, the output code should also
increase linearly. Any deviation from this input-to-output cor-
respondence is integral linearity error, illustrated in Figure 19.
Note that the integral linearity is referenced to a straight line
drawn through the actual end points, not the ideal end
points. For absolute accuracy to be equal to the integral lin-
earity, the gain and offset would have to be adjusted to ideal.
Offset and Gain Adjustments
The VREF+ and VREF- pins, references for the two ends of
the analog input range, are the only means of doing offset or
gain adjustments. In a typical system, the VREF- might be
returned to a clean ground, and offset adjustment done on
an input amplifier. VREF+ would then be adjusted for gain.
VREF- could be raised from ground to adjust offset or to accom-
modate an input source that can’t drive down to ground. There
are current pulses that occur, however, during the successive
approximation part of a conversion cycle, as the charge-balanc-
ing capacitors are switched between VREF- and VREF+. For
that reason, VREF- and VREF+ should be well bypassed.
Figure 10 shows peak and average VREF+ current.
UNIFORM
TRANSFER
CURVE
A
B
C
ACTUAL
TRANSFER
CURVE
OUTPUT
CODE
A = IDEAL 1 LSB STEP
B-A = + DIFFERENTIAL LINEARITY ERROR
A-C = - DIFFERENTIAL LINEARITY ERROR
INPUT VOLTAGE
FIGURE 17. DIFFERENTIAL LINEARITY ERROR
CA3310, CA3310A


Số phần tương tự - CA3310

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3310 INTERSIL-CA3310 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310A INTERSIL-CA3310A Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310AM INTERSIL-CA3310AM Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310E INTERSIL-CA3310E Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310M INTERSIL-CA3310M Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
More results

Mô tả tương tự - CA3310

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com