công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3290AE bảng dữ liệu(PDF) 6 Page - Intersil Corporation

tên linh kiện CA3290AE
Giải thích chi tiết về linh kiện  BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3290AE bảng dữ liệu(HTML) 6 Page - Intersil Corporation

  CA3290AE Datasheet HTML 1Page - Intersil Corporation CA3290AE Datasheet HTML 2Page - Intersil Corporation CA3290AE Datasheet HTML 3Page - Intersil Corporation CA3290AE Datasheet HTML 4Page - Intersil Corporation CA3290AE Datasheet HTML 5Page - Intersil Corporation CA3290AE Datasheet HTML 6Page - Intersil Corporation CA3290AE Datasheet HTML 7Page - Intersil Corporation CA3290AE Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Low-Frequency Multivibrator
In this application, one half of the CA3290 is used as a
conventional multivibrator circuit. Because of the extremely
high input impedance of this device, large values of timing
resistor (R1) may be used for long time delays with relatively
small leakage timing capacitors. The second half of the
CA3290 is used as an output buffer to insure that the
multivibrator frequency will not be affected by output loading.
RP is the parallel combination of the two 1MΩ resistors
connected between +15V and GND.
Window Comparator
Both halves of the CA3290 can be used in a high input
impedance window comparator as shown in Figure 7. The
LED will be turned “on” whenever the input signal is above
the lower limit (VL) but below the upper limit (VU), as
determined by the R1/R2/R3 resistor divider.
+
-
+15V
A2
CA3290
7
6
5
3.3k
1M
+
-
A1
CA3290
1
8
4
+15V
2
3
15k
1M
+15V
20M
RP
1M
1M
+15V
0.36
µF
R2
1M
t
Period
10s
==
t2R
1Cloge
2R
P
R
2
------------
1
+



=
R1
C
FIGURE 6. LOW FREQUENCY MULTIVIBRATOR
+
-
A2
CA3290
+
-
A1 CA3290
1
7
8
4
670
3.9k
LED
2N2102
2
3
6
5
R3
VL
VU
100k
R1
100k
+15V
+15V
INPUT
47k
R2
47k
6.8k
FIGURE 7. WINDOW COMPARATOR
Typical Performance Curves
FIGURE 8. SUPPLY CURRENT vs SUPPLY VOLTAGE (BOTH
AMPLIFIERS)
FIGURE 9. INPUT CURRENT vs INPUT COMMON MODE
VOLTAGE
RL =
-55oC
125oC
25oC
TOTAL SUPPLY VOLTAGE (V)
0
5
10
15
20
25
30
35
40
45
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TA = 25
oC
INPUT COMMON MODE VOLTAGE (V)
15
35
-15
-10
-5
0
V+ = +30V, V- = GND
-20
-25
-30
0
5
10
20
25
30
CA3290, CA3290A


Số phần tương tự - CA3290AE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3290AE INTERSIL-CA3290AE Datasheet
497Kb / 10P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
More results

Mô tả tương tự - CA3290AE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3290 INTERSIL-CA3290_04 Datasheet
497Kb / 10P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com