công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3262 bảng dữ liệu(PDF) 2 Page - Intersil Corporation

tên linh kiện CA3262
Giải thích chi tiết về linh kiện  Quad-Gated, Inverting Power Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3262 bảng dữ liệu(HTML) 2 Page - Intersil Corporation

  CA3262 Datasheet HTML 1Page - Intersil Corporation CA3262 Datasheet HTML 2Page - Intersil Corporation CA3262 Datasheet HTML 3Page - Intersil Corporation CA3262 Datasheet HTML 4Page - Intersil Corporation CA3262 Datasheet HTML 5Page - Intersil Corporation CA3262 Datasheet HTML 6Page - Intersil Corporation CA3262 Datasheet HTML 7Page - Intersil Corporation CA3262 Datasheet HTML 8Page - Intersil Corporation CA3262 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Functional Block Diagram
TRUTH TABLE (Each Output)
ENABLE
IN
OUT
HH
L
HL
H
LX
H
H = High, L = Low, X = Don’t Care
TLIM
ILIM
VCC
IN D
IN B
IN A
IN C
OUT D
OUT C
CLAMP
ENABLE
TLIM
ILIM
V+
TLIM
ILIM
OUT B
OUT A
CLAMP
TLIM
ILIM
CONSTANT
CURRENT
SOURCES
VCC
TO SUBSEQUENT STAGES
REFERENCE
VOLTAGE
1.2V
INPUT
ENABLE
FIGURE 1. CA3262A EQUIVALENT SCHEMATIC OF ONE
INPUT STAGE
ILIM
ILIM
ILIM
ILIM
TLIM
TLIM
TLIM
TLIM
V+
IN A
IN B
ENABLE
IN C
IN D
VCC
OUT D
OUT C
CLAMP
OUT B
OUT A
CLAMP
SOLENOID
LAMP
VBATT
VBATT
HIGH CURRENT
TTL OR
CMOS
LOGIC
LEVEL
INPUTS
+5V P.S.
MOTOR
HIGH SIDE DR
RELAY
VBATT
FIGURE 2. QUAD INVERTING POWER DRIVER (QDR) SHOWN WITH TYPICAL APPLICATION LOADS
CA3262A, CA3262


Số phần tương tự - CA3262

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260A INTERSIL-CA3260A Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3260A RENESAS-CA3260A Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

Mô tả tương tự - CA3262

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
HIP0080 INTERSIL-HIP0080 Datasheet
115Kb / 15P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
CA3242 INTERSIL-CA3242 Datasheet
12Kb / 1P
   Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load
August 1998
logo
Texas Instruments
SN54AS1004A TI-SN54AS1004A_07 Datasheet
544Kb / 17P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_08 Datasheet
664Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_1 Datasheet
635Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A Datasheet
496Kb / 14P
[Old version datasheet]   HEX INVERTING DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com