công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD01CFW bảng dữ liệu(PDF) 1 Page - Teledyne Technologies Incorporated

tên linh kiện CD01CFW
Giải thích chi tiết về linh kiện  2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TELEDYNE [Teledyne Technologies Incorporated]
Trang chủ  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CD01CFW bảng dữ liệu(HTML) 1 Page - Teledyne Technologies Incorporated

  CD01CFW Datasheet HTML 1Page - Teledyne Technologies Incorporated CD01CFW Datasheet HTML 2Page - Teledyne Technologies Incorporated CD01CFW Datasheet HTML 3Page - Teledyne Technologies Incorporated CD01CFW Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2002 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
CD 41
CD\072002\Q1
2A, 60Vdc Optically Isolated, Short-Circuit Protected
DC Solid-State Relay
FEATURES
•Available with short circuit/current
overload protection
• Available with input status monitor
• TTL and CMOS compatible control
• Low ON resistance power FET output
• Fast switching speed
• Meets 28 Vdc system requirements of
MIL-STD-704
• Optical isolation
• Low profile hermetic ceramic package
• Built and tested to the requirements of
MIL-PRF-28750
DESCRIPTION
This all solid-state relay utilizes the
latest technology to provide a low ON
resistance. The control (input) and load
(output) are optically isolated to protect
input logic circuits from voltage and
current transients which can occur on
the output supply. The optical isolation
also provides a full floating output, thus
allowing the load to be connected to
either output terminal. The control circuit
is buffered to enable the relay to be
driven directly from standard CMOS or
open
collector
TTL
logic
circuits.
Available options include short circuit
and current overload protection, which
provides complete protection for both
the relay and the system wiring. This
feature not only provides protection
should a short or overload occur while
the relay is on, but will also provide
protection should the relay be switched
into a short. In either case, the relay will
sense the short circuit condition and
then block it indefinitely until the short is
removed and the unit is reset by cycling
the input control. The second option is a
status output, which provides a built-in-
test function. This feature checks the
input circuitry of the relay and provides a
logic (0) low when the input circuit is
turned on and operational. Both options
are
available
either
together
or
separately as standard features.
Series CD
Part*
DESC Drawing
Relay Description
Number
Number
CD00CFW
Basic Solid-State Relay (SSR)
CD00CFY
90091-008
CD01CFW
SSR with Control Status
CD01CFY
90091-006
CD20CDW
SSR with Short-Circuit Protection
CD20CDY
90091-004
CD21CDW
SSR with Short-Circuit Protection
CD21CDY
90091-002
and Control Status
* The Y suffix denotes parameters tested to MIL-PRF-28750 specifications.
The W suffix denotes parameters tested to Teledyne specifications.
For surface mount (SMT), add “S” prefix to part number. Example:
SCD00CFW
ELECTRICAL SPECIFICATIONS
(-55°C TO +105°C UNLESS OTHERWISE NOTED)
INPUT (CONTROL) SPECIFICATION
When used in 2 terminal configuration
(TTL or direct control) (See Fig. 1)
Min
Typ
Max Units
Input Current @ V
IN = 5 Vdc (See Fig. 2)
14
15
mA
Turn-Off Voltage (Guaranteed Off)
1.5
Vdc
Turn-On Voltage (Guaranteed On)
3.8
Vdc
Reverse Voltage Protection
-32
Vdc
Input Supply Range (See Note 4)
3.8
6
Vdc
INPUT (CONTROL) SPECIFICATION
When used in 3 terminal configuration
(CMOS or open collector TTL) (See Fig. 1)
Min
Typ
Max Units
Control Current
V
CONTROL = 5 Vdc
250
µA
V
CONTROL = 18 Vdc
1
mA
Control Voltage Range
0
18
Vdc
Bias Supply Voltage (See Note 4)
3.8
6
Vdc
Bias Supply Current @ V
BIAS = 5 Vdc
14
15
mA
Turn-Off Voltage (Guaranteed Off)
3.2
Vdc
Turn-On Voltage (Guaranteed On)
0.3
Vdc


Số phần tương tự - CD01CFW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Teledyne Technologies I...
CD01CFW TELEDYNE-CD01CFW Datasheet
494Kb / 4P
   2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
logo
Willow Technologies Ltd
CD01CFW WILLOW-CD01CFW Datasheet
746Kb / 4P
   DC Solid-State Relay
More results

Mô tả tương tự - CD01CFW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Teledyne Technologies I...
CD00CFW TELEDYNE-CD00CFW Datasheet
494Kb / 4P
   2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
SR75-1W TELEDYNE-SR75-1W Datasheet
201Kb / 2P
   1.5A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
SR75-1 TELEDYNE-SR75-1 Datasheet
201Kb / 2P
   1.5A, 60Vdc Optically Isolated, Short-Circuit Protected
HD00CFW TELEDYNE-HD00CFW Datasheet
1Mb / 5P
   2A, 60Vdc, True Output Status Feedback,Short-Circuit Protected, DC Solid-State Relay
06/2023
logo
Micropac Industries
53262 MICROPAC-53262 Datasheet
114Kb / 4P
   SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
logo
Teledyne Technologies I...
SR75-2W TELEDYNE-SR75-2W Datasheet
204Kb / 2P
   0.75A, 300Vdc Optically Isolated, Short-Circuit Protected for AC or DC Loads DC Solid-State Relay
C75-2 TELEDYNE-C75-2 Datasheet
859Kb / 2P
   Optically Isolated 1.0A with Short-Circuit Protection & Trip Status DC Solid-State Relay
logo
Tyco Electronics
DS11-1Y MACOM-DS11-1Y Datasheet
124Kb / 4P
   DC solid state relay for loads up to 2A @ 60Vdc
logo
List of Unclassifed Man...
M28750 ETC1-M28750 Datasheet
252Kb / 2P
   MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
logo
Teledyne Technologies I...
FR75-1 TELEDYNE-FR75-1 Datasheet
517Kb / 3P
   1.0A, 60 Vdc Optically Isolated Short-Circuit Protected
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com