công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7710 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD7710
Giải thích chi tiết về linh kiện  Signal Conditioning ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7710 bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD7710_15 Datasheet HTML 1Page - Analog Devices AD7710_15 Datasheet HTML 2Page - Analog Devices AD7710_15 Datasheet HTML 3Page - Analog Devices AD7710_15 Datasheet HTML 4Page - Analog Devices AD7710_15 Datasheet HTML 5Page - Analog Devices AD7710_15 Datasheet HTML 6Page - Analog Devices AD7710_15 Datasheet HTML 7Page - Analog Devices AD7710_15 Datasheet HTML 8Page - Analog Devices AD7710_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
REV. G
–2–
Parameter
A, S Versions
1
Unit
Conditions/Comments
STATIC PERFORMANCE
No Missing Codes
24
Bits min
Guaranteed by Design. For Filter Notches
≤ 60 Hz
22
Bits min
For Filter Notch = 100 Hz
18
Bits min
For Filter Notch = 250 Hz
15
Bits min
For Filter Notch = 500 Hz
12
Bits min
For Filter Notch = 1 kHz
Output Noise
Tables I and II
Depends on Filter Cutoffs and Selected Gain
Integral Nonlinearity @ +25
°C
±0.0015
% of FSR max
Filter Notches
≤ 60 Hz
TMIN to TMAX
±0.003
% of FSR max
Typically
±0.0003%
Positive Full-Scale Error
2, 3
See Note 4
Excluding Reference
Full-Scale Drift
5
1
µV/°C typ
Excluding Reference. For Gains of 1, 2
0.3
µV/°C typ
Excluding Reference. For Gains of 4, 8, 16, 32, 64, 128
Unipolar Offset Error
2
See Note 4
Unipolar Offset Drift
5
0.5
µV/°C typ
For Gains of 1, 2
0.25
µV/°C typ
For Gains of 4, 8, 16, 32, 64, 128
Bipolar Zero Error
2
See Note 4
Bipolar Zero Drift
5
0.5
µV/°C typ
For Gains of 1, 2
0.25
µV/°C typ
For Gains of 4, 8, 16, 32, 64, 128
Gain Drift
2
ppm/
°C typ
Bipolar Negative Full-Scale Error
2 @ 25
°C ±0.003
% of FSR max
Excluding Reference
TMIN to TMAX
±0.006
% of FSR max
Typically
±0.0006%
Bipolar Negative Full-Scale Drift
5
1
µV/°C typ
Excluding Reference. For Gains of 1, 2
0.3
µV/°C typ
Excluding Reference. For Gains of 4, 8, 16, 32, 64, 128
ANALOG INPUTS/REFERENCE INPUTS
Input Common-Mode Rejection (CMR)
100
dB min
At DC and AVDD = 5 V
90
dB min
At DC and AVDD = 10 V
Common-Mode Voltage Range
6
VSS to AVDD
V min to V max
Normal-Mode 50 Hz Rejection
7
100
dB min
For Filter Notches of 10, 25, 50 Hz,
±0.02 × f
NOTCH
Normal-Mode 60 Hz Rejection
7
100
dB min
For Filter Notches of 10, 30, 60 Hz,
±0.02 × f
NOTCH
Common-Mode 50 Hz Rejection
7
150
dB min
For Filter Notches of 10, 25, 50 Hz,
±0.02 × f
NOTCH
Common-Mode 60 Hz Rejection
7
150
dB min
For Filter Notches of 10, 30, 60 Hz,
±0.02 × f
NOTCH
DC Input Leakage Current
7 @ 25
°C10
pA max
TMIN to TMAX
1
nA max
Sampling Capacitance
7
20
pF max
Analog Inputs
8
Input Voltage Range
9
For Normal Operation. Depends on Gain Selected
0 to +VREF
10
nom
Unipolar Input Range (B/U Bit of Control Register = 1)
±V
REF
nom
Bipolar Input Range (B/U Bit of Control Register = 0)
Input Sampling Rate, fS
See Table III
Reference Inputs
REF IN(+) – REF IN(–) Voltage
11
2.5 to 5
V min to V max For Specified Performance. Part Is Functional with
Lower VREF Voltages
Input Sampling Rate, fS
fCLK IN/256
NOTES
1Temperature ranges are as follows: A Version, –40
°C to +85°C; S Version, –55°C to +125°C. See also Note 16.
2Applies after calibration at the temperature of interest.
3Positive full-scale error applies to both unipolar and bipolar input ranges.
4These errors will be of the order of the output noise of the part as shown in Table I after system calibration. These errors will be 20
µV typical after self-calibration
or background calibration.
5Recalibration at any temperature or use of the background calibration mode will remove these drift errors.
6This common-mode voltage range is allowed, provided that the input voltage on AIN(+) and AIN(–) does not exceed AV
DD + 30 mV and VSS – 30 mV.
7These numbers are guaranteed by design and/or characterization.
8The analog inputs present a very high impedance dynamic load that varies with clock frequency and input sample rate. The maximum recommended source
resistance depends on the selected gain (see Tables IV and V).
9The analog input voltage range on the AIN1(+) and AIN2(+) inputs is given here with respect to the voltage on the AIN1(–) and AIN2(–) inputs. The absolute
voltage on the analog inputs should not go more positive than AV DD + 30 mV or go more negative than VSS – 30 mV.
10V
REF = REF IN(+) – REF IN(–).
11The reference input voltage range may be restricted by the input voltage range requirement on the V
BIAS input.
AD7710–SPECIFICATIONS (AV
DD = +5 V
5%; DVDD = +5 V
5%; VSS = 0 V or –5 V
5%; REF IN(+) = +2.5 V;
REF IN(–) = AGND; MCLK IN = 10 MHz unless otherwise noted. All specifications TMIN to TMAX, unless otherwise noted.)


Số phần tương tự - AD7710_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7710 AD-AD7710_17 Datasheet
319Kb / 33P
   Signal Conditioning ADC
More results

Mô tả tương tự - AD7710_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7712 AD-AD7712_17 Datasheet
304Kb / 29P
   Signal Conditioning ADC
AD7710 AD-AD7710_17 Datasheet
319Kb / 33P
   Signal Conditioning ADC
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7714 AD-AD7714_15 Datasheet
298Kb / 40P
   Signal Conditioning ADC
REV. C
AD7712 AD-AD7712 Datasheet
229Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com