công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7690 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD7690
Giải thích chi tiết về linh kiện  18-Bit, 1.5 LSB INL, 400 kSPS PulSAR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7690 bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD7690_15 Datasheet HTML 1Page - Analog Devices AD7690_15 Datasheet HTML 2Page - Analog Devices AD7690_15 Datasheet HTML 3Page - Analog Devices AD7690_15 Datasheet HTML 4Page - Analog Devices AD7690_15 Datasheet HTML 5Page - Analog Devices AD7690_15 Datasheet HTML 6Page - Analog Devices AD7690_15 Datasheet HTML 7Page - Analog Devices AD7690_15 Datasheet HTML 8Page - Analog Devices AD7690_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD7690
SPECIFICATIONS
VDD = 4.75 V to 5.25 V, VIO = 2.3 V to VDD, VREF = VDD, all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
18
Bits
ANALOG INPUT
Voltage Range
IN+ to IN−
−VREF
+VREF
V
Absolute Input Voltage
IN+, IN−
−0.1
VREF + 0.1
V
Common-Mode Input Range
IN+, IN−
VREF/2 − 0.1
VREF/2
VREF/2 + 0.1
V
Analog Input CMRR
fIN = 250 kHz
65
dB
Leakage Current at 25°C
Acquisition phase
1
nA
Input Impedance1
THROUGHPUT
Conversion Rate
0
400
kSPS
Transient Response
Full-scale step
400
ns
ACCURACY
No Missing Codes
18
Bits
Integral Linearity Error
−1.5
±0.75
+1.5
LSB2
Differential Linearity Error
−1
±0.5
+1.25
LSB
Transition Noise
REF = VDD = 5 V
0.75
LSB
Gain Error3
−40
±2
+40
LSB
Gain Error Temperature Drift
±0.3
ppm/°C
Zero Error3
−0.8
+0.8
mV
Zero Temperature Drift
±0.3
ppm/°C
Power Supply Sensitivity
VDD = 5 V ± 5%
±0.25
LSB
AC ACCURACY
Dynamic Range
VREF = 5 V
101
102
dB4
Oversampled Dynamic Range5
fIN= 1 kSPS
125
dB
Signal-to-Noise
fIN = 1 kHz, VREF = 5 V
100
101.5
dB
fIN = 1 kHz, VREF = 2.5 V
94.5
96
dB
Spurious-Free Dynamic Range
fIN = 1 kHz, VREF = 5 V
−125
dB
Total Harmonic Distortion
fIN = 1 kHz, VREF = 5 V
−125
dB
Signal-to-(Noise + Distortion)
fIN = 1 kHz, VREF = 5 V
100
101.5
dB
Intermodulation Distortion6
115
dB
1
See the Analog Inputs section.
2
LSB means least significant bit. With the ±5 V input range, one LSB is 38.15 µV.
3
See the Terminology section. These specifications include full temperature range variation but not the error contribution from the external reference.
4
All specifications in dB are referred to a full-scale input FSR. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
5
Dynamic range obtained by oversampling the ADC running at a throughput fS of 400 kSPS, followed by postdigital filtering with an output word rate fO.
6
fIN1 = 21.4 kHz and fIN2 = 18.9 kHz, with each tone at −7 dB below full scale.
Rev. C | Page 3 of 24


Số phần tương tự - AD7690_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD76901 AD-AD76901 Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
AD76901 AD-AD76901 Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7690BCPZRL AD-AD7690BCPZRL Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7690BCPZRL7 AD-AD7690BCPZRL7 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7690BRMZ AD-AD7690BRMZ Datasheet
620Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. B
More results

Mô tả tương tự - AD7690_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7691 AD-AD7691_15 Datasheet
693Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. D
AD7688 AD-AD7688_15 Datasheet
535Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR
REV. B
AD7687 AD-AD7687_15 Datasheet
568Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. C
AD7691 AD-AD7691 Datasheet
898Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
REV. 0
AD7622 AD-AD7622_15 Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR
REV. 0
AD7690BRMZ AD-AD7690BRMZ Datasheet
620Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. B
AD7687 AD-AD7687 Datasheet
616Kb / 27P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7688BRMRL7 AD-AD7688BRMRL7 Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com