công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7686 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD7686
Giải thích chi tiết về linh kiện  16-Bit, 500 kSPS PulSAR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7686 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD7686_15 Datasheet HTML 1Page - Analog Devices AD7686_15 Datasheet HTML 2Page - Analog Devices AD7686_15 Datasheet HTML 3Page - Analog Devices AD7686_15 Datasheet HTML 4Page - Analog Devices AD7686_15 Datasheet HTML 5Page - Analog Devices AD7686_15 Datasheet HTML 6Page - Analog Devices AD7686_15 Datasheet HTML 7Page - Analog Devices AD7686_15 Datasheet HTML 8Page - Analog Devices AD7686_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
16-Bit, 500 kSPS PulSAR
ADC in MSOP
Data Sheet
AD7686
FEATURES
16-bit resolution with no missing codes
Throughput: 500 kSPS
INL: ±0.6 LSB typical, ±2 LSB maximum (±0.003% of FSR)
SINAD: 92.5 dB at 20 kHz
THD: −110 dB at 20 kHz
Pseudo differential analog input range
0 V to VREF with VREF up to VDD
No pipeline delay
Single-supply 5 V operation with
1.8 V/2.5 V/3 V/5 V logic interface
Proprietary serial interface: SPI-/QSPI™-/MICROWIRE™-/DSP-
compatible
Daisy-chain multiple ADCs and busy indicator
Power dissipation
3.75 µW at 5 V/100 SPS
3.75 mW at 5 V/100 kSPS
Standby current: 1 nA
10-lead MSOP (MSOP-8 size) and
3 mm × 3 mm, 10-lead LFCSP (SOT-23 size)
Pin-for-pin-compatible with 10-lead MSOP/PulSAR® ADCs
APPLICATIONS
Battery-powered equipment
Data acquisitions
Instrumentation
Medical instruments
Process controls
CODE
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
16384
32768
49152
65535
POSITIVE INL = +0.52LSB
NEGATIVE INL = –0.38LSB
Figure 1. Integral Nonlinearity vs. Code
1.
Protected by U.S. Patent 6,703,961.
FUNCTIONAL BLOCK DIAGRAM
AD7686
REF
GND
VDD
IN+
IN–
VIO
SDI
SCK
SDO
CNV
1.8V TO VDD
3- OR 4-WIRE INTERFACE
(SPI, DAISY CHAIN, CS)
0.5V TO 5V
5V
0 TO VREF
Figure 2.
Table 1. MSOP, LFCSP/SOT-23 14-/16-/18-Bit PulSAR ADC
Type
100
kSPS
250
kSPS
400 kSPS
to
500 kSPS
1000
kSPS
ADC
Driver
18-Bit True
AD7691
AD7690
AD7982
ADA4941
Differential
AD7982
ADA4941
16-Bit True
AD7684
AD7687
AD7688
ADA4941
Differential
AD7693
ADA4841
16-Bit Pseudo
AD7680
AD7685
AD7686
AD7980
ADA4941
Differential
AD7683
AD7694
14-Bit Pseudo
Differential
AD7940
AD7942
AD7946
ADA4941
GENERAL DESCRIPTION
The AD76861 is a 16-bit, charge redistribution, successive
approximation, analog-to-digital converter (ADC) that operates
from a single 5 V power supply, VDD. It contains a low power,
high speed, 16-bit sampling ADC with no missing codes, an
internal conversion clock, and a versatile serial interface port.
The part also contains a low noise, wide bandwidth, short
aperture delay track-and-hold circuit. On the CNV rising edge,
the AD7686 samples an analog input IN+ between 0 V to REF
with respect to a ground sense IN−. The reference voltage, REF,
is applied externally and can be set up to the supply voltage.
Power dissipation scales linearly with throughput.
The SPI-compatible serial interface also features the ability,
using the SDI input, to daisy-chain several ADCs on a single,
3-wire bus or provides an optional busy indicator. This device is
compatible with 1.8 V, 2.5 V, 3 V, or 5 V logic, using the separate
supply VIO.
The AD7686 is housed in a 10-lead MSOP or a 10-lead LFCSP
with operation specified from −40°C to +85°C.
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Số phần tương tự - AD7686_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD76861 AD-AD76861 Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
AD76861 AD-AD76861 Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7686BCPZRL AD-AD7686BCPZRL Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7686BCPZRL1 AD-AD7686BCPZRL1 Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7686BCPZRL7 AD-AD7686BCPZRL7 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
More results

Mô tả tương tự - AD7686_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7699 AD-AD7699 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7688 AD-AD7688_15 Datasheet
535Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR
REV. B
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7685 AD-AD7685_15 Datasheet
560Kb / 28P
   16-Bit, 250 kSPS PulSAR
REV. D
AD7694 AD-AD7694_15 Datasheet
319Kb / 16P
   16-Bit, 250 kSPS PulSAR
REV. B
AD7652 AD-AD7652_15 Datasheet
804Kb / 28P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
REV. 0
AD7652 AD-AD7652 Datasheet
790Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7915 AD-AD7915 Datasheet
561Kb / 26P
   16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
AD7666 AD-AD7666 Datasheet
560Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com