công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3189E bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện CA3189E
Giải thích chi tiết về linh kiện  FM IF System
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3189E bảng dữ liệu(HTML) 8 Page - Intersil Corporation

  CA3189E Datasheet HTML 1Page - Intersil Corporation CA3189E Datasheet HTML 2Page - Intersil Corporation CA3189E Datasheet HTML 3Page - Intersil Corporation CA3189E Datasheet HTML 4Page - Intersil Corporation CA3189E Datasheet HTML 5Page - Intersil Corporation CA3189E Datasheet HTML 6Page - Intersil Corporation CA3189E Datasheet HTML 7Page - Intersil Corporation CA3189E Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
All Harris semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Harris semiconductor products are sold by description only. Harris Semiconductor Communications Division reserves the right to make changes in circuit design
and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information fur-
nished by Harris is believed to be accurate and reliable. However, no responsibility is assumed by Harris or its subsidiaries for its use; nor for any infringements
of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Har-
ris or its subsidiaries.
For information regarding Harris’ Semiconductor Communications Division and its products, call 1-800-4-HARRIS or see web
site http://www.semi.harris.com
Sales Office Headquarters
NORTH AMERICA
Harris Semiconductor
Communications Division
P. O. Box 883, Mail Stop 53-210
Melbourne, FL 32902
TEL: 1-800-442-7747
(407) 727-9207
FAX: (407) 724-3973
EUROPE
Harris Semiconductor
Communications Division
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Harris Semiconductor
Communications Division
Taiwan Limited.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
8
o
Typical Performance Curves
FIGURE 4. MUTING ACTION, TUNER AGC, AND TUNING
METER OUTPUT vs INPUT SIGNAL VOLTAGE
FIGURE 5. AFC CHARACTERISTICS (CURRENT AT
TERMINAL 7 vs CHANGE IN FREQUENCY)
FIGURE 6. DEVIATION MUTE THRESHOLD vs LOAD
RESISTANCE (BETWEEN TERMINAL 7 AND
TERMINAL 10)
FIGURE 7. TYPICAL LIMITING AND NOISE CHARACTERISTICS
INPUT SIGNAL (
µV)
V+ = 12V, TA = 25
oC
SEE FIGURE 1
RECOVERED AUDIO FROM FULL
OUTPUT (LEFT COORDINATE)
TUNER AGC DC
VOLTAGE AT TERM. 15
(RIGHT COORDINATE)
(PIN 15 TO PIN 13)
VOLTAGE AT TERM. 13
METER CIRCUIT (33k
TO GND) (RIGHT
COORDINATE)
1
10
100K
10K
1K
100
4
2
6
8
10
12
0
-10
-20
-30
-40
-50
-60
-100
CHANGE IN FREQUENCY (kHz)
-50
0
50
100
-150
-100
-50
0
50
100
150
150
200
µA
5k
V+ = 12V, TA = 25
oC
10
7
SEE FIGURE 1
LOAD RESISTANCE (BETWEEN TERM. 7 AND TERM. 10) (k
Ω)
0
V+ = 12V, TA = 25
oC
5
10152025
140
120
100
80
60
40
20
SIGNAL LEVEL (
µV)
SIGNAL (DEVIATION =
±75kHz)
10
1
102
103
104
105
-80
-70
-60
-50
-40
-30
-20
-10
0
NOISE
CA3189E ONLY
CA3189E PRECEDED BY
FILTER AND GAIN STAGE
CA3189E PRECEDED BY
2 FILTER AND GAIN STAGES
CA3189


Số phần tương tự - CA3189E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3183 INTERSIL-CA3183 Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
CA3183 INTERSIL-CA3183 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
CA3183A INTERSIL-CA3183A Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
CA3183AE INTERSIL-CA3183AE Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
CA3183AE INTERSIL-CA3183AE Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
More results

Mô tả tương tự - CA3189E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
   FM IF System
November 1996
logo
Hitachi Semiconductor
HA12412 HITACHI-HA12412 Datasheet
666Kb / 8P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089_02 Datasheet
459Kb / 8P
   FM IF System
logo
Hitachi Semiconductor
HA11225 HITACHI-HA11225 Datasheet
504Kb / 6P
   FM IF System
logo
Sanyo Semicon Device
LA1231N SANYO-LA1231N Datasheet
665Kb / 8P
   FM IF System
logo
Daewoo Semiconductor
DBL1018 DAEWOO-DBL1018 Datasheet
352Kb / 7P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com