công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3189 bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện CA3189
Giải thích chi tiết về linh kiện  FM IF System
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3189 bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  CA3189 Datasheet HTML 1Page - Intersil Corporation CA3189 Datasheet HTML 2Page - Intersil Corporation CA3189 Datasheet HTML 3Page - Intersil Corporation CA3189 Datasheet HTML 4Page - Intersil Corporation CA3189 Datasheet HTML 5Page - Intersil Corporation CA3189 Datasheet HTML 6Page - Intersil Corporation CA3189 Datasheet HTML 7Page - Intersil Corporation CA3189 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
TABLE 1.
CA3189E FEATURES COMPARED TO CA3089E
FEATURES
CA3189E
CA3089E
Low Limiting Sensitivity (12
µV Typ)
Yes
Yes
Low Distortion
Yes
Yes
Single-Coil Tuning Capability
Yes
Yes
Programmable Audio Level
Yes
No
S/N Mute
Yes
Yes
Deviation Mute
Yes
No
Flexible AFC
Yes
Yes
Programmable AGC Threshold and Voltage
Yes
No
Typical S + N/N > 70 dB
Yes
No
Meter Drive Voltage Depressed at Very Low Signal Levels
Yes
No
On-Channel Step Control Voltage
Yes
No
Test Circuits
NOTES:
3. All resistance values are in ohms.
4. L tunes with 100pF (C) at 10.7MHz. Q0 (unloaded) ≅ 75 (TOKO No.
KACS K586HM or equivalent).
5. C = 0.01
µF for 50µs deemphasis (Europe).
C = 0.015
µF for 75µs deemphasis (USA).
FIGURE 1. TEST CIRCUIT FOR CA3189E USING A SINGLE-
TUNED DETECTOR COIL
NOTES:
6. All resistance values are in ohms.
7. T: PRI. - Q0 (unloaded) 75 (tunes with 100pF (C1) 20↑ of 34e on
7/
32” dia. form. SEC. - Q0 (unloaded) 75 (tunes with 100pF (C2)
20
↑ of 34e on 7/32” dia. form. kQ (percent of critical coupling)
70% (Adjusted for coil voltage (VC) = 150mV).
8. Above values permit proper operation of mute (squelch) circuit
“E” type slugs, spacing 4mm.
9. C = 0.01
µF for 50µs deemphasis (Europe) C = 0.015µF for 75µs
deemphasis (USA).
FIGURE 2. TEST CIRCUIT FOR CA3189E USING A DOUBLE-
TUNED DETECTOR COIL
AUDIO
OUT
SIGNAL
INPUT
VOLTAGE
14
4
15
13
5
12
0.01
µF
10
K
33K
0.01
µF
C
6
FULL
SCALE
150
µA
2
3
0.01
µF
0.33
µF
10K
470
TUNING METER
0.02
µF
51
1
0.01
µF
11
0.05
µF
8
7
9
3.9K
100
C
L
8.2K
22
µH
AFC
V+ = 12V
pF
CA3189E
16
OUT
10
5K
10
µF
10
µF
TO
PIN 13
47K
22K
1
µF
(NOTE
4)
(NOTE
5)
SIGNAL
INPUT
VOLTAGE
14
4
15
13
0.01
µF
10
K
33K
0.01
µF
FULL
SCALE
150
µA
2
3
0.01
µF
TUNING METER
0.02
µF
51
1
0.01
µF
11
0.05
µF
8
9
8.2K
100
C2
T (NOTE 7)
22
µH
V+ = 12V
pF
C1
100
pF
3K
AUDIO
OUT
5
12
C
6
0.33
µF
10K
470
7
8.2K
AFC
OUT
10
5K
10
µF
10
µF
22K
1
µF
16
TO
PIN 13
47K
CA3189E
(NOTE 9)
CA3189


Số phần tương tự - CA3189

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3183 INTERSIL-CA3183 Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
CA3183 INTERSIL-CA3183 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
CA3183A INTERSIL-CA3183A Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
CA3183AE INTERSIL-CA3183AE Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
CA3183AE INTERSIL-CA3183AE Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
More results

Mô tả tương tự - CA3189

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
   FM IF System
November 1996
logo
Hitachi Semiconductor
HA12412 HITACHI-HA12412 Datasheet
666Kb / 8P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089_02 Datasheet
459Kb / 8P
   FM IF System
logo
Hitachi Semiconductor
HA11225 HITACHI-HA11225 Datasheet
504Kb / 6P
   FM IF System
logo
Sanyo Semicon Device
LA1231N SANYO-LA1231N Datasheet
665Kb / 8P
   FM IF System
logo
Daewoo Semiconductor
DBL1018 DAEWOO-DBL1018 Datasheet
352Kb / 7P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com