công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3130T bảng dữ liệu(PDF) 5 Page - Intersil Corporation

tên linh kiện CA3130T
Giải thích chi tiết về linh kiện  15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3130T bảng dữ liệu(HTML) 5 Page - Intersil Corporation

  CA3130T Datasheet HTML 1Page - Intersil Corporation CA3130T Datasheet HTML 2Page - Intersil Corporation CA3130T Datasheet HTML 3Page - Intersil Corporation CA3130T Datasheet HTML 4Page - Intersil Corporation CA3130T Datasheet HTML 5Page - Intersil Corporation CA3130T Datasheet HTML 6Page - Intersil Corporation CA3130T Datasheet HTML 7Page - Intersil Corporation CA3130T Datasheet HTML 8Page - Intersil Corporation CA3130T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
through D8 provide gate-oxide protection against high-voltage
transients, including static electricity during handling for Q6
and Q7.
Second-Stage
Most of the voltage gain in the CA3130 is provided by the
second amplifier stage, consisting of bipolar transistor Q11
and its cascade-connected load resistance provided by
PMOS transistors Q3 and Q5. The source of bias potentials
for these PMOS transistors is subsequently described. Miller
Effect compensation (roll-off) is accomplished by simply
connecting a small capacitor between Terminals 1 and 8. A
47pF capacitor provides sufficient compensation for stable
unity-gain operation in most applications.
Bias-Source Circuit
At total supply voltages, somewhat above 8.3V, resistor R2
and zener diode Z1 serve to establish a voltage of 8.3V across
the series-connected circuit, consisting of resistor R1, diodes
D1 through D4, and PMOS transistor Q1. A tap at the junction
of resistor R1 and diode D4 provides a gate-bias potential of
about 4.5V for PMOS transistors Q4 and Q5 with respect to
Terminal 7. A potential of about 2.2V is developed across
diode-connected PMOS transistor Q1 with respect to Terminal
7 to provide gate bias for PMOS transistors Q2 and Q3. It
should be noted that Q1 is “mirror-connected (see Note 8)” to
both Q2 and Q3. Since transistors Q1,Q2,Q3 are designed to
be identical, the approximately 200
µA current in Q1
establishes a similar current in Q2 and Q3 as constant current
sources for both the first and second amplifier stages,
respectively.
At total supply voltages somewhat less than 8.3V, zener
diode Z1 becomes nonconductive and the potential,
developed across series-connected R1, D1-D4, and Q1,
varies directly with variations in supply voltage.
Consequently, the gate bias for Q4,Q5 and Q2,Q3 varies in
accordance with supply-voltage variations. This variation
results in deterioration of the power-supply-rejection ratio
(PSRR) at total supply voltages below 8.3V. Operation at
total supply voltages below about 4.5V results in seriously
degraded performance.
Output Stage
The output stage consists of a drain-loaded inverting
amplifier using CMOS transistors operating in the Class A
mode. When operating into very high resistance loads, the
output can be swung within millivolts of either supply rail.
Because the output stage is a drain-loaded amplifier, its gain
is dependent upon the load impedance. The transfer
characteristics of the output stage for a load returned to the
negative supply rail are shown in Figure 2. Typical op amp
loads are readily driven by the output stage. Because large-
signal excursions are non-linear, requiring feedback for good
waveform reproduction, transient delays may be
encountered. As a voltage follower, the amplifier can achieve
0.01% accuracy levels, including the negative supply rail.
NOTE:
8. For general information on the characteristics of CMOS transis-
tor-pairs in linear-circuit applications, see File Number 619, data
sheet on CA3600E “CMOS Transistor Array”.
Input Current Variation with Common Mode Input
Voltage
As shown in the Table of Electrical Specifications, the input
current for the CA3130 Series Op Amps is typically 5pA at
TA = 25
oC when Terminals 2 and 3 are at a common-mode
potential of +7.5V with respect to negative supply Terminal 4.
Figure 3 contains data showing the variation of input current
as a function of common-mode input voltage at TA =25
oC.
3
2
7
4
8
1
5
6
BIAS CKT.
COMPENSATION
(WHEN REQUIRED)
AV ≈ 5X
AV
AV
6000X
30X
INPUT
+
-
200
µA
200
µA
1.35mA
8mA
0mA
V+
OUTPUT
V-
STROBE
CC
OFFSET
NULL
CA3130
(NOTE 7)
(NOTE 5)
NOTES:
6. Total supply voltage (for indicated voltage gains) = 15V with input
terminals biased so that Terminal 6 potential is +7.5V above Ter-
minal 4.
7. Total supply voltage (for indicated voltage gains) = 15V with out-
put terminal driven to either supply rail.
FIGURE 1. BLOCK DIAGRAM OF THE CA3130 SERIES
22.5
GATE VOLTAGE (TERMINALS 4 AND 8) (V)
17.5
20
12.5
15
10
7.5
2.5
5
0
2.5
7.5
5
10
15
12.5
17.5
0
SUPPLY VOLTAGE: V+ = 15, V- = 0V
TA = 25
oC
LOAD RESISTANCE = 5k
500
1k
2k
FIGURE 2. VOLTAGE TRANSFER CHARACTERISTICS OF
CMOS OUTPUT STAGE
CA3130, CA3130A


Số phần tương tự - CA3130T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
List of Unclassifed Man...
CA3130 ETC2-CA3130 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CA3130A INTERSIL-CA3130A Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3130AE INTERSIL-CA3130AE Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

Mô tả tương tự - CA3130T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com