công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3160E bảng dữ liệu(PDF) 2 Page - Intersil Corporation

tên linh kiện CA3160E
Giải thích chi tiết về linh kiện  4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3160E bảng dữ liệu(HTML) 2 Page - Intersil Corporation

  CA3160E Datasheet HTML 1Page - Intersil Corporation CA3160E Datasheet HTML 2Page - Intersil Corporation CA3160E Datasheet HTML 3Page - Intersil Corporation CA3160E Datasheet HTML 4Page - Intersil Corporation CA3160E Datasheet HTML 5Page - Intersil Corporation CA3160E Datasheet HTML 6Page - Intersil Corporation CA3160E Datasheet HTML 7Page - Intersil Corporation CA3160E Datasheet HTML 8Page - Intersil Corporation CA3160E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage (Between V+ and V- Terminals) . . . . . . . . . . . +16V
Differential Mode Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . .8V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . (V+ +8V) to (V- -0.5V)
Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1mA
Output Short Circuit Duration (Note 2). . . . . . . . . . . . . . . . Indefinite
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
110
N/A
Metal Can Package . . . . . . . . . . . . . . .
170
85
Maximum Junction Temperature (Metal Can) . . . . . . . . . . . . . . .175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. Short Circuit may be applied to ground or to either supply.
Electrical Specifications TA = 25oC, V+ = 15V, V- = 0V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
CA3160
CA3160A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
|VIO|VS = ±7.5V
-
6
15
-
2
5
mV
Input Offset Current
|IIO|VS = ±7.5V
-
0.5
30
-
0.5
20
pA
Input Current
II
VS = ±7.5V
-
5
50
-
5
30
pA
Large-Signal Voltage Gain
AOL
VO = 10VP-P, RL = 2kΩ
50
320
-
50
320
-
kV/V
94
110
-
94
110
-
dB
Common-Mode Rejection Ratio
CMRR
70
90
-
80
95
-
dB
Common-Mode Input-Voltage Range
VlCR
0
-0.5 to 12
10
0
-0.5 to 12
10
V
Power-Supply Rejection Ratio
PSRR
∆VIO/∆VS, VS = ±7.5V
-
32
320
-
32
150
µV/V
Maximum Output Voltage
VOM+RL = 2kΩ
12
13.3
-
12
13.3
-
V
VOM-
-
0.002
0.01
-
0.002
0.01
V
VOM+RL =
14.99
15
-
14.99
15
-
V
VOM-
-
0
0.01
-
0
0.01
V
Maximum Output Current
IOM+VO = 0V (Source)
12
22
45
12
22
45
mA
IOM-VO = 15V (Sink)
12
20
45
12
20
45
mA
Supply Current (Note 3)
I+
VO = 7.5V, R L =
-
10
15
-
10
15
mA
VO = 0V, R L =
-2
3
-
2
3
mA
Input Offset Voltage Temperature Drift
∆VIO/∆T-
8
-
-
6
-
µV/oC
Electrical Specifications
For Design Guidance, VSUPPLY = ±7.5V, TA = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
CA3160
CA3160A
UNITS
TYP
TYP
Input Offset Voltage Adjustment Range
10k
Ω Across Terminals 4 and 5 or
Terminals 4 and 1
±22
±22
mV
Input Resistance
RI
1.5
1.5
T
Input Capacitance
CI
f = 1MHz
4.3
4.3
pF
Equivalent Input Noise Voltage
eN
BW = 0.2MHz
RS = 1MΩ
40
40
µV
RS = 10MΩ
50
50
µV
Equivalent Input Noise Voltage
eN
RS = 100Ω
1kHz
72
72
nV/
√Hz
10kHz
30
30
nV/
√Hz
CA3160, CA3160A


Số phần tương tự - CA3160E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3160E INTERSIL-CA3160E Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

Mô tả tương tự - CA3160E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com