công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3100 bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện CA3100
Giải thích chi tiết về linh kiện  38MHz, Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3100 bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  CA3100 Datasheet HTML 1Page - Intersil Corporation CA3100 Datasheet HTML 2Page - Intersil Corporation CA3100 Datasheet HTML 3Page - Intersil Corporation CA3100 Datasheet HTML 4Page - Intersil Corporation CA3100 Datasheet HTML 5Page - Intersil Corporation CA3100 Datasheet HTML 6Page - Intersil Corporation CA3100 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3-1
Semiconductor
January 1999
CA3100
38MHz, Operational Amplifier
Features
• High Open Loop Gain at Video
Frequencies . . . . . . . . . . . . . . . . . . 42dB (Typ) at 1MHz
• Unity Gain
Crossover Frequency (fT) . . . . . . . . . . . . . 38MHz (Typ)
• Full Power Bandwidth
V
O
= 18VP-P . . . . . . . . . . . . . . . . . . . . . . . 1.2MHz (Typ)
• Slew Rate
- 20dB Amplifier . . . . . . . . . . . . . . . . . . . . 70V/
µs (Typ)
- Unity Gain Amplifier. . . . . . . . . . . . . . . . 25V/
µs (Typ)
• Settling Time . . . . . . . . . . . . . . . . . . . . . . . . 0.6
µs (Typ)
• Output Current . . . . . . . . . . . . . . . . . . . . . .
±15mA (Min)
• Single Capacitor Compensation
• Offset Null Terminals
Applications
• Video Amplifiers
• Fast Peak Detectors
• Meter Driver Amplifiers
• High Frequency Feedback Amplifiers
• Video Pre-Drivers
• Oscillators
• Multivibrators
• Voltage Controlled Oscillator
• Fast Comparators
Description
The CA3100 is a large signal wideband, high speed
operational amplifier which has a unity gain cross over
frequency (fT) of approximately 38MHz and an open loop,
3dB corner frequency of approximately 110kHz. It can
operate at a total supply voltage of from 14V to 36V (
±7V to
±18V when using split supplies) and can provide at least
18VP-P and 30mAP-P at the output when operating from
±15V supplies. The CA3100 can be compensated with a
single external capacitor and has DC offset adjust terminals
for those applications requiring offset null. (See Figure 1).
The CA3100 circuit contains both bipolar and PMOS transis-
tors on a single monolithic chip.
Pinouts
Part Number Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA3100E
-40 to 85
8 Ld PDIP
E8.3
CA3100M
(3100)
-40 to 85
8 Ld SOIC
M8.15
CA3100T
-55 to 125
8 Pin Metal Can
T8.C
CA3100
(PDIP, SOIC)
TOP VIEW
CA3100
(METAL CAN)
TOP VIEW
1
2
3
4
8
7
6
5
OFFSET
NULL
INV.
INPUT
NON-INV.
INPUT
V-
V+
OUTPUT
OFFSET
NULL
PHASE COMPENSATION
-
+
V+
2
4
6
1
3
7
5
8
-
+
PHASE
COMP TAB
OUTPUT
OFFSET
NULL
NON-INV.
INPUT
INV.
INPUT
V-
PHASE
COMP AND
OFFSET NULL
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1999
File Number
625.4
[ /Title
(CA31
00)
/Sub-
ject
(38MH
z,
Opera-
tional
Ampli-
fier)
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
single,
opera-
tional
ampli-
fier, op
amp,
gen-
eral
pur-
pose,
indus-
trial
mili-
tary
OBSOLETE
PRODUCT
POSSIBLE
SUBSTITUTE
PRODUCT
HA-2525


Số phần tương tự - CA3100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Harris Corporation
CA3100 HARRIS-CA3100 Datasheet
98Kb / 7P
   38MHz, Operational Amplifier
logo
ITT Industries
CA3100A ITT-CA3100A Datasheet
4Mb / 34P
   ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
CA3100A18-8S ITT-CA3100A18-8S Datasheet
4Mb / 34P
   CA/MS A and B
More results

Mô tả tương tự - CA3100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Harris Corporation
CA3100 HARRIS-CA3100 Datasheet
98Kb / 7P
   38MHz, Operational Amplifier
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com