công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3094B bảng dữ liệu(PDF) 10 Page - Intersil Corporation

tên linh kiện CA3094B
Giải thích chi tiết về linh kiện  30MHz, High Output Current Operational Transconductance Amplifier (OTA)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3094B bảng dữ liệu(HTML) 10 Page - Intersil Corporation

Back Button CA3094B Datasheet HTML 6Page - Intersil Corporation CA3094B Datasheet HTML 7Page - Intersil Corporation CA3094B Datasheet HTML 8Page - Intersil Corporation CA3094B Datasheet HTML 9Page - Intersil Corporation CA3094B Datasheet HTML 10Page - Intersil Corporation CA3094B Datasheet HTML 11Page - Intersil Corporation CA3094B Datasheet HTML 12Page - Intersil Corporation CA3094B Datasheet HTML 13Page - Intersil Corporation CA3094B Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
3-21
FIGURE 20. DUAL VOLTAGE TRACKING REGULATOR
FIGURE 21. GROUND FAULT INTERRUPTER (GFI) AND WAVEFORMS PERTINENT TO GROUND FAULT DETECTOR
Typical Applications (Continued)
CA3094A
2
3
8
6
7
1
200k
5
-
+
-15V REG.
OUTPUT
4
10k
±1%
10k
±1%
V- INPUT
(NOTE 22)
5.1k
100
0.03
µF
COMMON
RETURN
0.0056
µF
4
6
7
2
3
CA3085A
VOLTAGE REG.
0.01
µF
REF.
1.6V
1.5k
10k
5k
R
V+ INPUT
(NOTE 21)
1
8
NOTE 23
+15V REG.
OUTPUT
NOTES:
21. V+ Input Range = 19V to 30V for 15V output.
22. V- Input Range = -16V to -30V for -15V output.
23. Max IOUT = ±100mA.
24. Regulation:
Max Line
∆V
OUT
V
OUT
Initial
()
[]∆V
IN
-----------------------------------------------------------
100
×
0.075% V
==
(IL from 1mA to 50mA)
Max Load
∆V
OUT
V
OUT
Initial
()
---------------------------------------
100
×
0.075% V
OUT
==
5.6
CA3094B
3
2
6
4
5
7
-
+
3.3M
8
0.001
µF
1k
100k
L
R
47k
C2
0.1
µF
47k
C
0.02
µF
3.3
k
200
33k
+3V
1mA
RTRIP
200mV
RANGE
36V
ILOAD
CIRCUIT
BREAKER
CONTROL
SOLENOID
IABC
10
µA
IA
20
µA
100
NOTES:
25. Differential current sensor provides 60mV signal
≈ 5mA of
unbalance (Trip) current.
26. All Resistors are 1/2 Watt,
±10%.
27. RC selected for 3dB point at 200Hz.
28. C2 = AC bypass.
29. Offset adj. included in RTRIP.
30. Input impedance from 2 to 3 = 800k
Ω.
31. With no input signal Terminal 8 (output) at 36V.
VOLTAGE BETWEEN
TERMINALS 2 AND 4
VOLTAGE BETWEEN
TERMINALS 3 AND 4
(ADJUSTABLE WITH
RTRIP)
3
GROUND FAULT
SIGNAL 60Hz
CIRCUIT TRIPS ON POSITIVE
PEAKS WILL SWITCH WITHIN
1.5 CYCLES
60mV
TYPICAL
t
(NOTE 28)
(NOTE 27)
CA3094, CA3094A, CA3094B


Số phần tương tự - CA3094B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3094B INTERSIL-CA3094B Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
CA3094BM INTERSIL-CA3094BM Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
CA3094BT INTERSIL-CA3094BT Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
More results

Mô tả tương tự - CA3094B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3094 INTERSIL-CA3094_00 Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com