công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3078AT bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện CA3078AT
Giải thích chi tiết về linh kiện  2MHz, Micropower Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3078AT bảng dữ liệu(HTML) 9 Page - Intersil Corporation

Back Button CA3078AT Datasheet HTML 4Page - Intersil Corporation CA3078AT Datasheet HTML 5Page - Intersil Corporation CA3078AT Datasheet HTML 6Page - Intersil Corporation CA3078AT Datasheet HTML 7Page - Intersil Corporation CA3078AT Datasheet HTML 8Page - Intersil Corporation CA3078AT Datasheet HTML 9Page - Intersil Corporation CA3078AT Datasheet HTML 10Page - Intersil Corporation CA3078AT Datasheet HTML 11Page - Intersil Corporation CA3078AT Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Supply Volts: V+ = +6, V- = -6
Quiescent Current (IQ) = 100µA
Ambient Temperature (TA) = 25
oC
Load Impedance: RL = 10kΩ, CL = 100pF
Feedback Resistance (RF) = 0.1MΩ
Output Voltage (VOP-P) = 10V
R1 determined for transient response with 10% overshoot on a
100mV output signal (R1 x C1 = 2.5 x 10
-6)
FIGURE 23. SLEW RATE vs CLOSED LOOP GAIN FOR
IQ = 100mA - CA3078
Supply Volts: V+ = +6, V- = -6
Quiescent Current (IQ) = 20µA
Ambient Temperature (TA) = 25
oC
Load Impedance: RL = 10kΩ, CL = 100pF
Feedback Resistance (RF) = 0.1MΩ
Output Voltage (VOP-P) = 10V
R1 determined for transient response with 10% overshoot on a
100mV output signal (R1 x C1 = 2 x 10
-6)
FIGURE 24. SLEW RATE vs CLOSED LOOP GAIN FOR
IQ = 20mA - CA3078A
Supply Volts: V+ = +6, V- = -6
Quiescent Current (IQ) = 100µA
Ambient Temperature (TA) = 25
oC
Load Impedance: RL = 10kΩ, CL = 100pF
Feedback Resistance (RF) = 0.1MΩ
Output Voltage (VOP-P) = 100mV
R1 determined for transient response with 10% overshoot on a
100mV output signal (R1 x C1 = 2.5 x 10
-6)
FIGURE 25. PHASE COMPENSATION CAPACITANCE vs
CLOSED LOOP GAIN - CA3078
Supply Volts: V+ = +6, V- = -6
Quiescent Current (IQ) = 20µA
Ambient Temperature (TA) = 25
oC
Load Impedance: RL = 10kΩ, CL = 100pF
Feedback Resistance (RF) = 0.1MΩ
Output Voltage (VOP-P) = 100mV
R1 determined for transient response with 10% overshoot on a
100mV output signal (R1 x C1 = 2 x 10
-6)
FIGURE 26. PHASE COMPENSATION CAPACITANCE vs
CLOSED LOOP GAIN - CA3078A
Typical Performance Curves (Continued)
90
80
70
CLOSED LOOP NON-INVERTING VOLTAGE GAIN (dB)
60
50
40
30
20
10
0
90
80
70
60
50
40
29.7
19.1
6
CLOSED LOOP INVERTING VOLTAGE GAIN (dB)
1.5
1.25
1
0.75
0.5
0.25
0
RESISTOR-CAPACITOR
COMPENSATION
(R1 - C1 BETWEEN
TERMINALS 1 AND 8)
CAPACITOR
COMPENSATION
(BETWEEN
TERMINALS 1 AND 8)
90
80
70
CLOSED LOOP NON-INVERTING VOLTAGE GAIN (dB)
60
50
40
30
20
10
0
90
80
70
60
50
40
29.7
19.1
6
CLOSED LOOP INVERTING VOLTAGE GAIN (dB)
0.6
0.5
0.4
0.3
0.2
0.1
0
RESISTOR-CAPACITOR
COMPENSATION
(R1 - C1 BETWEEN
TERMINALS 1 AND 8)
CAPACITOR
COMPENSATION
(BETWEEN
TERMINALS 1 AND 8)
90
80
70
CLOSED LOOP NON-INVERTING VOLTAGE GAIN (dB)
60
50
40
30
20
10
0
90
80
70
60
50
40
29.7
19.1
6
CLOSED LOOP INVERTING VOLTAGE GAIN (dB)
CAPACITOR
COMPENSATION
(BETWEEN
TERMINALS 1 AND 8)
RESISTOR-CAPACITOR
COMPENSATION
(R1 - C1 BETWEEN
TERMINALS 1 AND 8)
1000
100
10
1
90
80
70
CLOSED LOOP NON-INVERTING VOLTAGE GAIN (dB)
60
50
40
30
20
10
0
90
80
70
60
50
40
29.7
19.1
6
CLOSED LOOP INVERTING VOLTAGE GAIN (dB)
1000
100
10
1
CAPACITOR
COMPENSATION
(BETWEEN
TERMINALS 1 AND 8)
RESISTOR-CAPACITOR
COMPENSATION
(R1 - C1 BETWEEN
TERMINALS 1 AND 8)
CA3078, CA3078A


Số phần tương tự - CA3078AT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3078AT INTERSIL-CA3078AT Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
logo
Rochester Electronics
CA3078AT/B ROCHESTER-CA3078AT/B Datasheet
595Kb / 6P
   Micropower Operational Amplifier Low Standby Power
More results

Mô tả tương tự - CA3078AT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3078 INTERSIL-CA3078_01 Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP-420 AD-OP-420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
California Micro Device...
CMV1020 CALMIRCO-CMV1020 Datasheet
279Kb / 10P
   MICROPOWER PRO OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
   EPAD??MICROPOWER OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LP124 NSC-LP124 Datasheet
230Kb / 10P
   Micropower Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com