công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST78C36A bảng dữ liệu(PDF) 11 Page - Exar Corporation

tên linh kiện ST78C36A
Giải thích chi tiết về linh kiện  ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C36A bảng dữ liệu(HTML) 11 Page - Exar Corporation

Back Button ST78C36A Datasheet HTML 7Page - Exar Corporation ST78C36A Datasheet HTML 8Page - Exar Corporation ST78C36A Datasheet HTML 9Page - Exar Corporation ST78C36A Datasheet HTML 10Page - Exar Corporation ST78C36A Datasheet HTML 11Page - Exar Corporation ST78C36A Datasheet HTML 12Page - Exar Corporation ST78C36A Datasheet HTML 13Page - Exar Corporation ST78C36A Datasheet HTML 14Page - Exar Corporation ST78C36A Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ST78C36/36A
11
REV. 5.1.0
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
4.0 DEVICE OPERATION
4.1
SPP MODE
This is ECR mode 000 (system RESET mode).
In this output-only mode the host data is registered to PD[7:0] at the trailing edge of -IOW; PDIR is driven low;
-STROBE, -AUTOFD, INIT, and -SLCTIN are open-drain; and all timing is managed by the host through DSR
and DCR registers.
4.2
PS2 MODE
This is ECR mode 001.
In this bi-directional mode the host output data is registered to PD[7:0] at the trailing edge of -IOW, PDIR is
driven by DIR to allow peripheral data input, -AUTOFD, INIT, and -SLCTIN are totem-pole, and all timing is
managed by the host through DSR and DCR registers.
4.3
PPF MODE
This is ECR mode 010.
In this output-only mode the host data is written to the FIFO with I/O writes to address 400 or by DMA writes;
PDIR is driven low; -AUTOFD, INIT, and -SLCTIN are totem-pole.
FIFO data is automatically registered to PD[7:0] whenever the FIFO-E bit is low (data available), and timing is
generated by controller logic that handshakes -STROBE (controller) with BUSY (peripheral).
4.4
ECP MODE
This is ECR mode 011.
In this bi-directional mode the host data is written to the FIFO with I/O writes to address 000, 400 or DMA;
PDIR is driven by DIR (can only be set in ECR mode 001); -AUTOFD, INIT, and -SLCTIN are totem-pole. I/O
writes to address 000 will write a low into the FIFO tag bit, while I/O writes to address 400 or DMA will insert a
high.
4.4.1
ECP FORWARD MODE (PDIR = 0)
FIFO data is automatically registered to PD[7:0] whenever the FIFO-E bit is low (data available), and timing is
generated by controller logic that handshakes -STROBE (controller) with BUSY (peripheral). Data from the
FIFO tag bit is output on -AUTOFD after being registered simultaneous with FIFO data.


Số phần tương tự - ST78C36A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST78C36A EXAR-ST78C36A Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36A EXAR-ST78C36A Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36ACJ44 EXAR-ST78C36ACJ44 Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
More results

Mô tả tương tự - ST78C36A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST78C36 EXAR-ST78C36_05 Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST16C552 EXAR-ST16C552 Datasheet
222Kb / 39P
   DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
ST78C34 EXAR-ST78C34 Datasheet
198Kb / 21P
   GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
   Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
logo
List of Unclassifed Man...
GM82C803CN ETC1-GM82C803CN Datasheet
312Kb / 84P
   2.88 MB FDC/ Dual UARTs with FIFO/PIO(EPP/ ECP)/ IDE Interface/ S-IR/ PnP
logo
Exar Corporation
XR16L2550IM-F EXAR-XR16L2550IM-F Datasheet
962Kb / 44P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com