công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3054 bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện CA3054
Giải thích chi tiết về linh kiện  Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3054 bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  CA3054 Datasheet HTML 1Page - Intersil Corporation CA3054 Datasheet HTML 2Page - Intersil Corporation CA3054 Datasheet HTML 3Page - Intersil Corporation CA3054 Datasheet HTML 4Page - Intersil Corporation CA3054 Datasheet HTML 5Page - Intersil Corporation CA3054 Datasheet HTML 6Page - Intersil Corporation CA3054 Datasheet HTML 7Page - Intersil Corporation CA3054 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CA3054
Dual Independent Differential Amp for
Low Power Applications from DC to
120MHz
The CA3054 consists of two independent differential
amplifiers with associated constant current transistors on a
common monolithic substrate. The six NPN transistors which
comprise the amplifiers are general purpose devices which
exhibit low 1/f noise and a value of fT in excess of 300MHz.
These feature make the CA3054 useful from DC to 120MHz.
Bias and load resistors have been omitted to provide
maximum application flexibility.
The monolithic construction of the CA3054 provides close
electrical and thermal matching of the amplifiers. This
feature makes these devices particularly useful in dual
channel applications where matched performance of the two
channels is required.
Pinout
CA3054
(PDIP, SOIC)
TOP VIEW
Features
• Two Differential Amplifiers on a Common Substrate
• Independently Accessible Inputs and Outputs
• Maximum Input Offset Voltage . . . . . . . . . . . . . . . . .
±5mV
• Temperature Range . . . . . . . . . . . . . . . . . . . 0oC to 85oC
Applications
• Dual Sense Amplifiers
• Dual Schmitt Triggers
• Multifunction Combinations
- RF/Mixer/Oscillator; Converter/IF
• IF Amplifiers (Differential and/or Cascode)
• Product Detectors
• Doubly Balanced Modulators and Demodulators
• Balanced Quadrature Detectors
• Cascade Limiters
• Synchronous Detectors
• Pairs of Balanced Mixers
• Synthesizer Mixers
• Balanced (Push-Pull) Cascode Amplifiers
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA3054
0 to 85
14 Ld PDIP
E14.3
CA3054M96
(3054)
0 to 85
14 Ld SOIC Tape
and Reel
M14.15
SUBSTRATE
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Q4
Q6
Q5
Q3
Q2 Q1
Data Sheet
September 1998
File Number
388.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Số phần tương tự - CA3054

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA3054M96 INTERSIL-CA3054M96 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054M96 RENESAS-CA3054M96 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA3054MZ INTERSIL-CA3054MZ Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054MZ RENESAS-CA3054MZ Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
More results

Mô tả tương tự - CA3054

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA-3086 INTERSIL-CA-3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
logo
Harris Corporation
CA3028A HARRIS-CA3028A_99 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
CA3028A HARRIS-CA3028A Datasheet
109Kb / 12P
   Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
National Semiconductor ...
CLC416 NSC-CLC416 Datasheet
167Kb / 6P
   Dual Low-Power, 120MHz Op Amp
logo
NTE Electronics
NTE917 NTE-NTE917 Datasheet
102Kb / 4P
   Integrated Circuit Dual, Independent Transistor Array, Differential Amp
logo
Intersil Corporation
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Renesas Technology Corp
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com