công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3028AE bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện CA3028AE
Giải thích chi tiết về linh kiện  Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3028AE bảng dữ liệu(HTML) 8 Page - Intersil Corporation

Back Button CA3028AE Datasheet HTML 2Page - Intersil Corporation CA3028AE Datasheet HTML 3Page - Intersil Corporation CA3028AE Datasheet HTML 4Page - Intersil Corporation CA3028AE Datasheet HTML 5Page - Intersil Corporation CA3028AE Datasheet HTML 6Page - Intersil Corporation CA3028AE Datasheet HTML 7Page - Intersil Corporation CA3028AE Datasheet HTML 8Page - Intersil Corporation CA3028AE Datasheet HTML 9Page - Intersil Corporation CA3028AE Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FIGURE 18. 100MHz NOISE FIGURE vs COLLECTOR SUPPLY
VOLTAGE (DIFFERENTIAL AMPLIFIER
CONFIGURATION)
FIGURE 19. 100MHz NOISE FIGURE AND POWER GAIN vs
BASE-TO-EMITTER BIAS VOLTAGE (TERMINAL 7)
FIGURE 20. INPUT ADMITTANCE (Y11) vs FREQUENCY
(CASCODE CONFIGURATION)
FIGURE 21. INPUT ADMITTANCE (Y11) vs FREQUENCY
(DIFFERENTIAL AMPLIFIER CONFIGURATION)
FIGURE 22. REVERSE TRANSADMITTANCE (Y12) vs
FREQUENCY (CASCODE CONFIGURATION)
FIGURE 23. REVERSE TRANSADMITTANCE (Y12) vs
FREQUENCY (DIFFERENTIAL AMPLIFIER
CONFIGURATION)
Typical Performance Curves (Continued)
DC COLLECTOR SUPPLY VOLTAGE (V)
912
5
DIFFERENTIAL AMPLIFIER CONFIGURATION
TA = 25
oC, f = 100MHz
6
7
8
9
10
11
POSITIVE DC BIAS VOLTAGE (V)
92
0
POWER GAIN
DIFFERENTIAL AMPLIFIER CONFIGURATION
TA = 25
oC, V
CC = +9V, f = 100MHz
5
10
15
20
3
4
5
6
7
8
NOISE FIGURE
FREQUENCY (MHz)
1
100
0
b11
CASCODE CONFIGURATION, TA = 25
oC
IC(STAGE) = 4.5mA, VCC = +9V
1
2
3
4
10
g11
5
6
7
FREQUENCY (MHz)
1
100
10
b11
g11
0
DIFFERENTIAL AMPLIFIER CONFIGURATION
TA = 25
oC, V
CC = +9V
1
2
3
IC OF EACH TRANSISTOR = 2.2mA
FREQUENCY (MHz)
1
100
-20
b12
CASCODE CONFIGURATION, TA = 25
oC
IC(STAGE) = 4.5mA, VCC = +9V
-10
-5
0
5
10
g12
10
15
20
-15
b12
g12
FREQUENCY (MHz)
100
10
0
-0.1
-0.2
-0.3
0.1
0.2
0.3
DIFFERENTIAL AMPLIFIER CONFIGURATION
TA = 25
oC, V
CC = +9V
IC OF EACH TRANSISTOR = 2.2mA
20
30
40 50 60
80
200
300
CA3028A


Số phần tương tự - CA3028AE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Harris Corporation
CA3028AE HARRIS-CA3028AE Datasheet
109Kb / 12P
   Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
CA3028AE HARRIS-CA3028AE Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
More results

Mô tả tương tự - CA3028AE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Harris Corporation
CA3028A HARRIS-CA3028A_99 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
CA3028A HARRIS-CA3028A Datasheet
109Kb / 12P
   Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3054 INTERSIL-CA3054 Datasheet
208Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA-3086 INTERSIL-CA-3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
logo
NTE Electronics
NTE724 NTE-NTE724 Datasheet
25Kb / 3P
   Integrated Circuit Differential/Cascode Amplifier
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Infineon Technologies A...
BGA416 INFINEON-BGA416_08 Datasheet
288Kb / 8P
   RF Cascode Amplifier
Rev. 2.1, April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com