công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUZ72A bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện BUZ72A
Giải thích chi tiết về linh kiện  9A, 100V, 0.250 Ohm, N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

BUZ72A bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  BUZ72A Datasheet HTML 1Page - Intersil Corporation BUZ72A Datasheet HTML 2Page - Intersil Corporation BUZ72A Datasheet HTML 3Page - Intersil Corporation BUZ72A Datasheet HTML 4Page - Intersil Corporation BUZ72A Datasheet HTML 5Page - Intersil Corporation BUZ72A Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-23
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
BUZ72A
9A, 100V, 0.250 Ohm, N-Channel Power
MOSFET
This is an N-Channel enhancement mode silicon gate power
field effect transistor designed for applications such as
switching regulators, switching converters, motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
This type can be operated directly from integrated circuits.
Formerly developmental type TA17401.
Features
• 9A, 100V
•rDS(ON) = 0.250Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC TO-220AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
BUZ72A
TO-220AB
BUZ72A
NOTE: When ordering, use the entire part number.
G
D
S
GATE
DRAIN (FLANGE)
SOURCE
DRAIN
Data Sheet
June 1999
File Number
2262.2


Số phần tương tự - BUZ72A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
BUZ72A STMICROELECTRONICS-BUZ72A Datasheet
112Kb / 7P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Siemens Semiconductor G...
BUZ72A SIEMENS-BUZ72A Datasheet
193Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Infineon Technologies A...
BUZ72A INFINEON-BUZ72A Datasheet
90Kb / 8P
   SIPMOS Power Transistor
05.99
logo
New Jersey Semi-Conduct...
BUZ72A NJSEMI-BUZ72A Datasheet
98Kb / 4P
   Enhancement mode
logo
Siemens Semiconductor G...
BUZ72AL SIEMENS-BUZ72AL Datasheet
187Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results

Mô tả tương tự - BUZ72A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STD9N10-1 STMICROELECTRONICS-STD9N10-1 Datasheet
278Kb / 12P
   N-CHANNEL 100V - 0.23 ohm - 9A DPAK/IPAK POWER MOS TRANSISTOR
May 2004 REV. 2
logo
MagnaChip Semiconductor...
MDF9N60 MGCHIP-MDF9N60 Datasheet
739Kb / 6P
   N-Channel MOSFET 600V, 9A, 0.75(ohm)
logo
Intersil Corporation
FSL13A0D INTERSIL-FSL13A0D Datasheet
71Kb / 8P
   9A, 100V, 0.180 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1999
logo
MagnaChip Semiconductor...
MDP9N60 MGCHIP-MDP9N60 Datasheet
991Kb / 6P
   N-Channel MOSFET 600V, 9A, 0.75(ohm)
MDF9N60B MGCHIP-MDF9N60B Datasheet
787Kb / 6P
   N-Channel MOSFET 600V, 9A, 0.80(ohm)
logo
Intersil Corporation
IRF520 INTERSIL-IRF520 Datasheet
69Kb / 7P
   9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
November 1999
IRFD110 INTERSIL-IRFD110 Datasheet
52Kb / 6P
   1A, 100V, 0.600 Ohm, N-Channel Power MOSFET
IRFF110 INTERSIL-IRFF110 Datasheet
328Kb / 7P
   3.5A, 100V, 0.600 Ohm, N-Channel Power MOSFET
IRFF120 INTERSIL-IRFF120 Datasheet
325Kb / 7P
   6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRFF130 NJSEMI-IRFF130 Datasheet
150Kb / 3P
   8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com