công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUZ71A bảng dữ liệu(PDF) 2 Page - Intersil Corporation

tên linh kiện BUZ71A
Giải thích chi tiết về linh kiện  13A, 50V, 0.120 Ohm, N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

BUZ71A bảng dữ liệu(HTML) 2 Page - Intersil Corporation

  BUZ71A Datasheet HTML 1Page - Intersil Corporation BUZ71A Datasheet HTML 2Page - Intersil Corporation BUZ71A Datasheet HTML 3Page - Intersil Corporation BUZ71A Datasheet HTML 4Page - Intersil Corporation BUZ71A Datasheet HTML 5Page - Intersil Corporation BUZ71A Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-18
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
BUZ71A
UNITS
Drain to Source Breakdown Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
50
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
50
V
Continuous Drain Current, TC = 55
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
D
13
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
48
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
40
W
Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
100
mJ
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.32
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
-55 to 150
oC
DIN Humidity Category - DIN 40040 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .E
IEC Climatic Category - DIN IEC 68-1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
55/150/56
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V
50
-
-
V
Gate to Threshold Voltage
VGS(TH)
VGS = VDS, ID = 1mA (Figure 9)
2.1
3
4
V
Zero Gate Voltage Drain Current
IDSS
TJ = 25
oC, V
DS = 50V, VGS = 0V
-
20
250
µA
TJ = 125
oC, V
DS = 50V, VGS = 0V
-
100
1000
µA
Gate to Source Leakage Current
IGSS
VGS = 20V, VDS = 0V
-
10
100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 9A, VGS = 10V (Figure 8)
-
0.11
0.12
Forward Transconductance (Note 2)
gfs
VDS = 25V, ID = 9A (Figure 11)
3.0
5.2
-
S
Turn-On Delay Time
td(ON)
VCC = 30V, ID 3A, VGS = 10V, RGS = 50Ω,
RL =10Ω
-2030
ns
Rise Time
tr
-5585
ns
Turn-Off Delay Time
td(OFF)
-7090
ns
Fall Time
tf
-
80
110
ns
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz (Figure 10)
-
480
650
pF
Output Capacitance
COSS
-
280
450
pF
Reverse Transfer Capacitance
CRSS
-
160
280
pF
Thermal Resistance Junction to Case
RθJC
≤ 3.1
oC/W
Thermal Resistance Junction to Ambient
RθJA
≤ 75
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
TC = 25
oC-
-
13
A
Pulsed Source to Drain Current
ISDM
TC = 25
oC-
-
52
A
Source to Drain Diode Voltage
VSD
TJ = 25
oC, I
SD = 26A, VGS = 0V, (Figure 12)
-
1.6
2.2
V
Reverse Recovery Time
trr
TJ = 25
oC, I
SD = 13, dISD/dt = 100A/µs,
VR = 30V
-
120
-
ns
Reverse Recovery Charge
QRR
-
0.15
-
µC
NOTES:
2. Pulse Test: Pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 10V, TJ = 25
oC, L = 820µH, IPEAK = 14A. (See Figures 14 and 15).
BUZ71A


Số phần tương tự - BUZ71A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
BUZ71A STMICROELECTRONICS-BUZ71A Datasheet
79Kb / 8P
   N - CHANNEL 50V - 0.1W - 13A TO-220 STripFET] POWER MOSFET
logo
Siemens Semiconductor G...
BUZ71A SIEMENS-BUZ71A Datasheet
130Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
New Jersey Semi-Conduct...
BUZ71A NJSEMI-BUZ71A Datasheet
91Kb / 2P
   Power Field Effect Transistor
logo
Inchange Semiconductor ...
BUZ71A ISC-BUZ71A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
BUZ71AFI ISC-BUZ71AFI Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Mô tả tương tự - BUZ71A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
   13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRF450 INTERSIL-IRF450 Datasheet
56Kb / 7P
   13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
STMicroelectronics
BUZ71A STMICROELECTRONICS-BUZ71A Datasheet
79Kb / 8P
   N - CHANNEL 50V - 0.1W - 13A TO-220 STripFET] POWER MOSFET
logo
Unisonic Technologies
13N50 UTC-13N50_11 Datasheet
221Kb / 6P
   13A, 500V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
FRK264D INTERSIL-FRK264D Datasheet
61Kb / 7P
   34A, 250V, 0.120 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Fairchild Semiconductor
BUZ11 FAIRCHILD-BUZ11 Datasheet
81Kb / 6P
   30A, 50V, 0.040 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
BUZ71 INTERSIL-BUZ71 Datasheet
48Kb / 6P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFET
June 1999
RFP25N05 INTERSIL-RFP25N05 Datasheet
104Kb / 8P
   25A, 50V, 0.047 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
UPC8026 UTC-UPC8026 Datasheet
154Kb / 4P
   30V, 13A N-CHANNEL POWER MOSFET
13N40 UTC-13N40 Datasheet
157Kb / 4P
   13A, 400V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com