công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST36A bảng dữ liệu(PDF) 2 Page - Littelfuse

tên linh kiện ST36A
Giải thích chi tiết về linh kiện  Standard Bidirectional DIAC Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ST36A bảng dữ liệu(HTML) 2 Page - Littelfuse

  ST36A Datasheet HTML 1Page - Littelfuse ST36A Datasheet HTML 2Page - Littelfuse ST36A Datasheet HTML 3Page - Littelfuse ST36A Datasheet HTML 4Page - Littelfuse ST36A Datasheet HTML 5Page - Littelfuse ST36A Datasheet HTML 6Page - Littelfuse ST36A Datasheet HTML 7Page - Littelfuse ST36A Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
338
Revised: July 9, 2008
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional DIAC Trigger
HTxxx & HTMxxx & STxxx Series
Thermal Resistances
Symbol
Description
Test Conditions
Value
Unit
R
(J-L)
Junction to Lead
Maximum Lead Temperature: 85°C
DO-35
100
°C/W
Maximum Lead Temperature: 90°C
DO-214
65*
°C/W
Maximum Lead Temperature: 87°C
MINIMELF
75
°C/W
R
(J-A)
Junction to Ambient
Free-Air
DO-35
278
°C/W
* Mounted on 1 cm2 copper foil surface; two-ounce copper foil
Electrical Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Description
Test Conditions
Min
Max
Unit
V
BO
Breakover/Trigger Voltage
50/60Hz Sine Wave
See Product
Selector Table
See Product
Selector Table
V
ΔV
BO
Breakover Voltage Symmetry
+V
BO to -VBO
2(Note 1)
V
V
BB
Δ Breakback Voltage(Note 4)
V
BO to V10mA
5V
V
BO to V6mA
(*)
15
V
V
BB (DYN)
Dynamic Δ Breakback Voltage(Notes 2 & 3)
120 PPS
10
V
I
BO
Breakover Current
50/60Hz Sine Wave
15
μA
(*) Only Applies to HT-60
Electrical Characteristic Notes:
1. Breakover voltage symmetry as close as 1V is available from the factory for
these products.
2. See Figure 4 and Figure 5 for test circuit and waveforms.
3. Typical switching time is 900 nano-seconds measured at I
PK (Figure 4) across a
20 Ω resistor (Figure 5). Switching time is defined as rise time of I
PK between the
10% to 90% points
4. See V-I Characteristics
Static Characteristics - Not Applicable
Product Selector
Part Number
Package Availability
V
BO
MINIMELF
DO-35
DO-214
MIN
MAX
XX-32
HT-32
ST-32
27V
37V
XX-32A/ 5761
HT-32A
28V
36V
XX-32B/ 5761A
HTM-32B
HT-32B
ST-32B
30V
34V
XX-34B
HT-34B
ST-34B
32V
36V
XX-35
HT-35
ST-35
30V
40V
XX-36A/ 5762
HT-36A
ST-36A
32V
40V
XX-36B
HT-36B
ST-36B
34V
38V
XX-40
HT-40
ST-40
35V
45V
XX-60
HT-60
56V
70V
“XX” = HTM for MINIMELF
HT for DO-35
ST for DO-214


Số phần tương tự - ST36A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microdiode Electronics ...
ST36A CHENDA-ST36A Datasheet
841Kb / 3P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
More results

Mô tả tương tự - ST36A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
HT32A LITTELFUSE-HT32A Datasheet
256Kb / 8P
   Standard Bidirectional DIAC Trigger
HT32 LITTELFUSE-HT32 Datasheet
256Kb / 8P
   Standard Bidirectional DIAC Trigger
HT34B LITTELFUSE-HT34B Datasheet
261Kb / 8P
   Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
logo
List of Unclassifed Man...
DB3B ETC2-DB3B Datasheet
231Kb / 4P
   Bidirectional DIAC Trigger Diode
logo
TAITRON Components Inco...
DB3A TAITRON-DB3A Datasheet
231Kb / 4P
   Bidirectional DIAC Trigger Diode
logo
List of Unclassifed Man...
DB3A ETC2-DB3A Datasheet
231Kb / 4P
   Bidirectional DIAC Trigger Diode
logo
TAITRON Components Inco...
DB3B TAITRON-DB3B Datasheet
231Kb / 4P
   Bidirectional DIAC Trigger Diode
DB3BM TAITRON-DB3BM Datasheet
255Kb / 4P
   Bidirectional DIAC Trigger Diode
DB3 TAITRON-DB3 Datasheet
231Kb / 4P
   Bidirectional DIAC Trigger Diode
DB3AM TAITRON-DB3AM Datasheet
255Kb / 4P
   Bidirectional DIAC Trigger Diode
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com