công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL16C752B-EP bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL16C752B-EP
Giải thích chi tiết về linh kiện  3.3 V DUAL UART WITH 64-BYTE FIFO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C752B-EP bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TL16C752B-EP Datasheet HTML 5Page - Texas Instruments TL16C752B-EP Datasheet HTML 6Page - Texas Instruments TL16C752B-EP Datasheet HTML 7Page - Texas Instruments TL16C752B-EP Datasheet HTML 8Page - Texas Instruments TL16C752B-EP Datasheet HTML 9Page - Texas Instruments TL16C752B-EP Datasheet HTML 10Page - Texas Instruments TL16C752B-EP Datasheet HTML 11Page - Texas Instruments TL16C752B-EP Datasheet HTML 12Page - Texas Instruments TL16C752B-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
UART 1
Parallel to Serial
Serial to Parallel
Xon-1 Word
Xon-2 Word
Xoff-1 Word
Xoff-1 Word
Transmit
FIFO
Serial to Parallel
Parallel to Serial
Xon-1 Word
Xoff-1 Word
Xoff-2 Word
Receive
FIFO
Data
Xoff − Xon − Xoff
Compare
Programmed
Xon−Xoff
Characters
UART 2
Xon-2 Word
TL16C752B-EP
www.ti.com
SGLS153B – FEBRUARY 2003 – REVISED DECEMBER 2007
Figure 4. Software Flow Control Example
Software Flow Control Example
Assumptions: UART1 is transmitting a large text file to UART2. Both UARTs are using software flow control with
single character Xoff (0F) and Xon (0D) tokens. Both have Xoff threshold (TCR [3:0]=F) set to 60 and Xon
threshold (TCR[7:4]=8) set to 32. Both have the interrupt receive threshold (TLR[7:4]=D) set to 52.
UART1 begins transmission and sends 52 characters, at which point UART2 generates an interrupt to its
processor to service the RCV FIFO, but assume the interrupt latency is fairly long. UART1 continues sending
characters until a total of 60 characters have been sent. At this time UART2 transmits a 0F to UART1, informing
UART1 to halt transmission. UART1 likely sends the 61st character, while UART2 is sending the Xoff character.
UART2 is serviced and the processor reads enough data out of the RCV FIFO that the level drops to 32. UART2
now sends a 0D to UART1, informing UART1 to resume transmission.
Copyright © 2003–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TL16C752B-EP


Số phần tương tự - TL16C752B-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16C752B-EP TI-TL16C752B-EP Datasheet
454Kb / 35P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results

Mô tả tương tự - TL16C752B-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B-EP TI-TL16C752B-EP Datasheet
454Kb / 35P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com