công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7244 bảng dữ liệu(PDF) 8 Page - Analog Devices |
|
AD7244 bảng dữ liệu(HTML) 8 Page - Analog Devices |
8 / 12 page AD7242/AD7244 REV. A –8– TIMING AND CONTROL Communication with the AD7242/AD7244 is via six serial logic inputs. These consist of separate serial clocks, word framing and data lines for each DAC. DAC updating is controlled by two digital inputs: LDACA for updating VOUTA and LDACB for updating VOUTB. These inputs can be asserted independently of the microprocessor by an external timer when precise updating intervals are required. Alternatively, the LDACA and LDACB inputs can be driven from a decoded address bus allowing the microprocessor control over DAC updating as well as data communication to the AD7242/AD7244 input latches. The AD7242/AD7244 contains two latches per DAC, an input latch and a DAC latch. Data must be loaded to the input latch under the control of TCLKA, TFSA and DTA for input Latch A and TCLKB, TFSB and DTB for input Latch B. Data is then transferred from input Latch A to DAC Latch A under the control of the LDACA signal, while LDACB controls the loading of DAC Latch B from input Latch B. Only the data held in the DAC latches determines the analog outputs of the AD7242/AD7244. Data is loaded to the input latches under control of the respec- tive TCLK, TFS and DT signals. The AD7242/AD7244 expects a 16-bit stream of serial data on its DT inputs. Data must be valid on the falling edge of TCLK. The TFS input provides the frame synchronization signal that tells the AD7242/ AD7244 that valid serial data will be available on the DT input for the next 16 falling edges of TCLK. Figure 6 shows the timing diagram for operation of either of the two serial input ports on the part. Although 16 bits of data are clocked into the input latch, only 12 bits are transferred into the DAC latch for the AD7242 and 14 bits are transferred for the AD7244. Therefore, 4 bits in the AD7242 data stream and 2 bits in the AD7244 data stream are don’t cares since their value does not affect the DAC latch data. The bit positions are the don’t cares followed by the DAC data starting with the MSB (see Figure 6). The respective LDAC signals control the transfer of data to the respective DAC latches. Normally, data is loaded to the DAC latch on the falling edge of LDAC. However, if LDAC is held low, serial data is loaded to the DAC latch on the sixteenth falling edge of TCLK. If LDAC goes low during the loading of serial data to the input latch, no DAC latch update takes place on the falling edge of LDAC. If LDAC stays low until the serial transfer is completed, then the update takes place on the sixteenth falling edge of TCLK. If LDAC returns high before the serial data transfer is completed, no DAC latch update takes place. If seventeen or more TCLK edges occur while TFS is low, the seventeenth (and beyond) clock edges are ignored, i.e., no further data is clocked into the input latch after the sixteenth TCLK edge following a falling edge on TFS. Figure 6. AD7242/AD7244 Timing Diagram |
Số phần tương tự - AD7244_15 |
|
Mô tả tương tự - AD7244_15 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |