công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7142 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD7142
Giải thích chi tiết về linh kiện  Programmable Controller for Capacitance Touch Sensors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7142 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD7142_15 Datasheet HTML 1Page - Analog Devices AD7142_15 Datasheet HTML 2Page - Analog Devices AD7142_15 Datasheet HTML 3Page - Analog Devices AD7142_15 Datasheet HTML 4Page - Analog Devices AD7142_15 Datasheet HTML 5Page - Analog Devices AD7142_15 Datasheet HTML 6Page - Analog Devices AD7142_15 Datasheet HTML 7Page - Analog Devices AD7142_15 Datasheet HTML 8Page - Analog Devices AD7142_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
AD7142
Rev. A | Page 4 of 72
SPECIFICATIONS
AVCC, DVCC = 2.6 V to 3.6 V, TA = −40oC to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CAPACITANCE-TO-DIGITAL CONVERTER
Update Rate
35.45
36.86
38.4
ms
12 conversion stages in sequencer, decimation rate = 256
Resolution
16
Bit
CIN Input Range1
±2
pF
No Missing Codes
16
Bit
Guaranteed by design, but not production tested
CIN Input Leakage
25
nA
Total Unadjusted Error
±20
%
Output Noise (Peak-to-Peak)
7
Codes
Decimation rate = 128
3
Codes
Decimation rate = 256
Output Noise (RMS)
0.8
Codes
Decimation rate = 128
0.5
Codes
Decimation rate = 256
Parasitic Capacitance
40
pF
Parasitic capacitance to ground, per CIN input
guaranteed by characterization
CBULK Offset Range1
±20
pF
CBULK Offset Resolution
156.25
fF
Low Power Mode Delay Accuracy
4
%
% of 200 ms, 400 ms, 600 ms, or 800 ms
EXCITATION SOURCE
Frequency
240
250
260
kHz
Output Voltage
AVCC
V
Short-Circuit Source Current
20
mA
Short-Circuit Sink Current
50
mA
Maximum Output Load
250
pF
Capacitance load on source to ground
CSHIELD Output Drive
10
μA
CSHIELD Bias Level
AVCC/2
V
LOGIC INPUTS (SDI, SCLK, CS, SDA, GPI TEST)
VIH Input High Voltage
0.7 × VDRIVE
V
VIL Input Low Voltage
0.4
V
IIH Input High Voltage
−1
μA
VIN = VDRIVE
IIL Input Low Voltage
1
μA
VIN = DGND
Hysteresis
150
mV
OPEN-DRAIN OUTPUTS (SCLK, SDA, INT)
VOL Output Low Voltage
0.4
V
ISINK = −1 mA
IOH Output High Leakage Current
0.1
±1
μA
VOUT = VDRIVE
LOGIC OUTPUTS (SDO, GPO)
VOL Output Low Voltage
0.4
V
ISINK = 1 mA, VDRIVE = 1.65 V to 3.6 V
VOH Output High Voltage
VDRIVE − 0.6
V
ISOURCE = 1 mA, VDRIVE = 1.65 V to 3.6 V
SDO Floating State Leakage Current
±1
μA
Pin three-state, leakage measured to GND and DVCC
GPO Floating State Leakage Current
−5
2
μA
Pin three-state, leakage measured to GND and DVCC
POWER
AVCC, DVCC
2.6
3.3
3.6
V
VDRIVE
1.65
3.6
V
Serial interface operating voltage
ICC
0.9
1
mA
In full power mode
20
μA
Low power mode, converter idle, TA = 25°C
16
33
μA
Low power mode, converter idle
4.5
μA
Full shutdown, TA = 25°C
2.25
18
μA
Full shutdown
1 CIN and CBULK are defined in Figure 2.


Số phần tương tự - AD7142_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
More results

Mô tả tương tự - AD7142_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com