công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7011 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD7011
Giải thích chi tiết về linh kiện  CMOS, ADC 4 DQPSK Baseband Transmit Port
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7011 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD7011_15 Datasheet HTML 4Page - Analog Devices AD7011_15 Datasheet HTML 5Page - Analog Devices AD7011_15 Datasheet HTML 6Page - Analog Devices AD7011_15 Datasheet HTML 7Page - Analog Devices AD7011_15 Datasheet HTML 8Page - Analog Devices AD7011_15 Datasheet HTML 9Page - Analog Devices AD7011_15 Datasheet HTML 10Page - Analog Devices AD7011_15 Datasheet HTML 11Page - Analog Devices AD7011_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD7011
REV. B
–10–
As Figure 12 illustrates, the ramp-down envelope reaches zero
after three symbols, hence the fourth symbol does not actually
get transmitted.
Reconstruction Filters
The reconstruction filters smooth the DAC output signals,
providing continuous time I and Q waveforms at the output
pins. These are 4th order Bessel low-pass filters with a –3 dB
frequency of approximately 25 kHz. The filters are designed to
have a linear phase response in the passband and due to the
reconstruction filters being on-chip, the phase mismatch
between the I and Q transmit channels is kept to a minimum.
Transmit Section Digital Interface
MODE1 = MODE2 = DGND: Digital
π/4 DQPSK Mode
Figures 4 and 5 shows the timing diagrams for the transmit
interface when operating in TIA
π/4 DQPSK mode. POWER is
sampled on the rising edge of MCLK. When POWER is
brought high, the transmit section is brought out of sleep mode
and initiates a self-calibration routine as described above. Once
the self-calibration is complete, the READY signal goes high to
indicate that a transmit burst can now begin. BIN (Burst in) is
brought high to initiate a transmit burst and should only be
brought high if the READY signal is already high.
When BIN goes high, the READY signal goes low on the next
rising edge of MCLK and TxCLK becomes active after a
further three MCLK cycles. TxCLK can be used to clock out
the transmit data from the ASIC or DSP on the rising edge of
TxCLK and the AD7011 will latch TxDATA on the falling
edge of TxCLK.
When BIN is brought low, the AD7011 will continue to clock in
the current Di-bit symbol (XN + 4, YN + 4) and will continue for a
further 8 TxCLK cycles (four symbols). After the final TxCLK,
READY goes high waiting for BIN to be brought high to begin
the next transmit burst.
X
1
X
N
Y
N
Y
N+1
X
N+1
Y
N+2
X
N+2
Y
N+3
X
N+3
Y
N+4
X
N+4
3 SYMBOL
RAMP-UP ENVELOPE
3 SYMBOL
RAMP-DOWN ENVELOPE
I
1
Q
1
I
N
Q
N
I
N+1
Q
N+1
I
N+2
Q
N+2
I
N+3
Q
N+3
I
N+4
Q
N+4
0
0
0
0
SYMBOL
PHASE MAX
EFFECT
= 480
t
1
BIN
TxCLK
TxDATA
BOUT
(ITx–ITx),
(QTx–QTx)
Y
N+5
X
N+5
Y
N+6
X
N+6
Y
N+7
X
N+7
Y
N+8
X
N+8
0
0
Y
1
Figure 12. Transmit Burst
When POWER is brought low this puts the transmit section into
a low power sleep mode, drawing minimal current. The analog
outputs go high impedance while in low power sleep mode.
MODE1 = VDD; MODE2 = DGND: Analog Mode
Figure 6 shows the timing diagram for the transmit interface
when operating in analog mode. In this mode the
π/4 DQPSK
modulator is bypassed and direct access to the I and Q 10-bit
DACs is provided. Loading of the I and Q DACs is accom-
plished using a 4 wire 16-bit serial interface. The pins TxCLK,
TxDATA and BIN are all reconfigured as inputs, with the
functions of FRAME, IDATA and QDATA respectively.
I and Q data are loaded via the IDATA and QDATA pins and
FRAME synchronizes the loading of the 16-bit I and Q words.
FRAME should be brought high one clock cycle prior to the I
and Q MSBs. Data is latched on the rising edge of MCLK,
MSB first, where only the first 10 data bits are significant. Con-
tinuous updating of the I and Q DACs is required at a rate of
MCLK/16.
MODE1 = DGND; MODE2 = VDD: Frequency Test Mode
A special FTEST (Frequency TEST) mode is provided for the
customer, where no phase modulation takes place and the mod-
ulator outputs remain static. ITx is set to zero and QTx is set to
full scale as Figure 7 illustrates. However, the normal ramp-up/
down envelope is still applied during the beginning and end of a
burst.
MODE1 = MODE2 = VDD: Factory Test Mode
This mode is reserved for factory test only and should not be
used by the customer for correct device operation.


Số phần tương tự - AD7011_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7011ARS AD-AD7011ARS Datasheet
389Kb / 12P
   CMOS, ADC p/4 DQPSK Baseband Transmit Port
REV. B
More results

Mô tả tương tự - AD7011_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7011 AD-AD7011 Datasheet
389Kb / 12P
   CMOS, ADC p/4 DQPSK Baseband Transmit Port
REV. B
AD7010 AD-AD7010_15 Datasheet
170Kb / 8P
   CMOS JDC 4 DQPSK Baseband Transmit Port
REV. B
AD7010 AD-AD7010 Datasheet
249Kb / 8P
   CMOS JDC p/4 DQPSK Baseband Transmit Port
REV. B
AD7013 AD-AD7013_15 Datasheet
456Kb / 20P
   CMOS TIA IS-54 Baseband Receive Port
REV. A
AD7013 AD-AD7013 Datasheet
591Kb / 20P
   CMOS TIA IS-54 Baseband Receive Port
REV. A
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12559 MAXIM-MAX12559 Datasheet
400Kb / 30P
   Dual, 96Msps, 14-Bit, IF/Baseband ADC
Rev 1; 4/07
logo
California Micro Device...
G8912B CALMIRCO-G8912B Datasheet
373Kb / 8P
   CMOS PCM Transmit/receive Filters
logo
Maxim Integrated Produc...
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
   Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12558 MAXIM-MAX12558 Datasheet
469Kb / 30P
   Dual, 80Msps, 14-Bit, IF/Baseband ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com