công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7008 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD7008
Giải thích chi tiết về linh kiện  CMOS DDS Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7008 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD7008_15 Datasheet HTML 1Page - Analog Devices AD7008_15 Datasheet HTML 2Page - Analog Devices AD7008_15 Datasheet HTML 3Page - Analog Devices AD7008_15 Datasheet HTML 4Page - Analog Devices AD7008_15 Datasheet HTML 5Page - Analog Devices AD7008_15 Datasheet HTML 6Page - Analog Devices AD7008_15 Datasheet HTML 7Page - Analog Devices AD7008_15 Datasheet HTML 8Page - Analog Devices AD7008_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7008
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
CMOS
DDS Modulator
FEATURES
Single +5 V Supply
32-Bit Phase Accumulator
On-Chip COSINE and SINE Look-Up Tables
On-Chip 10-Bit DAC
Frequency, Phase and Amplitude Modulation
Parallel and Serial Loading
Software and Hardware Power Down Options
20 MHz and 50 MHz Speed Grades
44-Pin PLCC
APPLICATIONS
Frequency Synthesizers
Frequency, Phase or Amplitude Modulators
DDS Tuning
Digital Modulation
phase modulation, frequency modulation, and both in-phase and
quadrature amplitude modulation suitable for QAM and SSB
generation.
Clock rates up to 20 MHz and 50 MHz are supported. Fre-
quency accuracy can be controlled to one part in 4 billion.
Modulation may be effected by loading registers either through
the parallel microprocessor interface or the serial interface. A
frequency-select pin permits selection between two frequencies
on a per cycle basis.
The serial and parallel interfaces may be operated independently
and asynchronously from the DDS clock; the transfer control
signals are internally synchronized to prevent metastability prob-
lems. The synchronizer can be bypassed to reduce the transfer
latency in the event that the microprocessor clock is synchro-
nous with the DDS clock.
A power-down pin allows external control of a power-down
mode (also accessible through the microprocessor interface)
The AD7008 is available in 44-pin PLCC.
PRODUCT HIGHLIGHT
1. Low Power
2. DSP/
µP Interface
3. Completely Integrated
PRODUCT DESCRIPTION
The AD7008 direct digital synthesis chip is a numerically con-
trolled oscillator employing a 32-bit phase accumulator, sine and
cosine look-up tables and a 10-bit D/A converter integrated on a
single CMOS chip. Modulation capabilities are provided for
FUNCTIONAL BLOCK DIAGRAM
32
32
12
10
10
10
10
10
SIN
COS
12
10-BIT DAC
PHASE
ACCUMULATOR
SIN/COS
ROM
IQMOD [9:0]
IOUT
COMP
FS ADJUST
SDATA
SCLK
GND
RESET
TEST
CLOCK
V
AA
WR
CS
IOUT
AD7008
32-BIT SERIAL REGISTER
32-BIT PARALLEL REGISTER
COMMAND REG
MPU INTERFACE
TRANSFER LOGIC
FULLSCALE
ADJUST
10
IQMOD [19:10]
12
PHASE REG
D0
D15
32
32
FSELECT
MUX
FREQ1
REG
TC0
TC3
LOAD
Σ
10
Σ
FREQ0
REG
Σ
SLEEP
V
REF


Số phần tương tự - AD7008_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7008/PCB AD-AD7008/PCB Datasheet
505Kb / 16P
   CMOS DDS Modulator
REV. B
AD7008AP20 AD-AD7008AP20 Datasheet
505Kb / 16P
   CMOS DDS Modulator
REV. B
AD7008JP50 AD-AD7008JP50 Datasheet
505Kb / 16P
   CMOS DDS Modulator
REV. B
AD7008PCB AD-AD7008PCB Datasheet
505Kb / 16P
   CMOS DDS Modulator
REV. B
More results

Mô tả tương tự - AD7008_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7008 AD-AD7008 Datasheet
505Kb / 16P
   CMOS DDS Modulator
REV. B
AD9830 AD-AD9830 Datasheet
218Kb / 16P
   CMOS Complete DDS
REV. A
AD9832 AD-AD9832 Datasheet
146Kb / 16P
   CMOS Complete DDS
REV. A
AD9831 AD-AD9831 Datasheet
172Kb / 16P
   CMOS Complete DDS
REV. A
AD9852 AD-AD9852_15 Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852ASQZ AD-AD9852ASQZ Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852_07 Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
AD9835 AD-AD9835 Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com