công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD6121 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD6121
Giải thích chi tiết về linh kiện  CDMA 3 V Receiver IF Subsystem with Integrated Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD6121 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD6121_15 Datasheet HTML 6Page - Analog Devices AD6121_15 Datasheet HTML 7Page - Analog Devices AD6121_15 Datasheet HTML 8Page - Analog Devices AD6121_15 Datasheet HTML 9Page - Analog Devices AD6121_15 Datasheet HTML 10Page - Analog Devices AD6121_15 Datasheet HTML 11Page - Analog Devices AD6121_15 Datasheet HTML 12Page - Analog Devices AD6121_15 Datasheet HTML 13Page - Analog Devices AD6121_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD6121
–10–
REV. B
X-AMP is a trademark of Analog Devices, Inc.
THEORY OF OPERATION
The AD6121 consists of high dynamic range IF amplifiers with
voltage controlled gain, a divide-by-two quadrature generator,
an I and Q demodulator, a low dropout regulator and power-
down control inputs (Figure 27).
The AD6121 accommodates both the desired CDMA signal
and an interferer 42 dB larger—approximately 6 mV p-p for the
desired signal and 700 mV p-p for the interferer—as specified in
the CDMA system.
IF Amplifiers and Gain Control
The IF gain is provided by two sections: a CDMA or FM input
stage followed by three cascaded IF amplifiers. The CDMA and
FM input stages use differential, continuously-variable attenua-
tors based on Analog Devices’ patented X-AMP™ topology.
These low noise attenuators consist of a differential R-2R ladder
network, linear interpolator, and a fixed gain amplifier. The
bulk of the IF gain is provided by three cascaded, wideband
2
I
Q
ROOFING
FILTER
IF
OUTPUT
DEMODULATOR
INPUT
IF AMPLIFIERS
INPUT STAGE
QUADRATURE DEMODULATOR
CDMA
INPUT
FM
INPUT
CDMA/FM
SELECT
GAIN
CONTROL
VOLTAGE
INPUT
1.23V
REFERENCE
OUTPUT
GAIN
CONTROL
VOLTAGE
REFERENCE
INPUT
POWER-
DOWN 2
POWER-
DOWN 1
IOUT
IOUT
QOUT
QOUT
LOCAL
OSCILLATOR
INPUT
VPOS
VREG
LOW
DROPOUT
REGULATOR
GAIN CONTROL
SCALE FACTOR
PTAT
TEMPERATURE
COMPENSATION
AD6121
Figure 27. Functional Block Diagram
VGAIN – Volts
16
0.5
2.5
1
1.5
2
8
10
4
14
TA = –40 C
TA = +25 C
6
12
2
0
TA = +85 C
Figure 26. Current Consumption vs. VGAIN, TA = –40
°C,
+25
°C and +85°C
amplifiers. The gain and input bandwidth of the AD6121 are
identical for both the FM and CDMA operating modes. When
the CDMA/FM pin is high, CDMA mode is enabled. When the
pin is low, FM mode is enabled.
The IF amplifiers operate in two different configurations, one
with the I and Q demodulator powered up and another with the
I and Q demodulator powered down. The I and Q demodulator
power setting is configured with pin PD2. The power-down
control is further discussed in the section of this data sheet
entitled Power-Down Control.
When the demodulator is powered up, the outputs of the IF
amplifiers are internally dc-biased and there is no need for exter-
nal pull-up inductors. A roofing filter is required (see section
entitled Roofing Filter in this data sheet) when using the IF
amplifiers with the I and Q demodulator powered up. Under
these conditions, the IF amplifiers and the low noise attenuator
input stage has +41.4 dB of gain.
When the I and Q demodulator is powered down, the IF ampli-
fiers have open collector outputs resulting in the need for pull-
up inductors. Under this configuration, and with the output of
the IF amplifiers loaded with 1 k
Ω, the gain of the IF amplifiers
and low noise attenuator input stage is +47 dB. The pull-up
inductors should be chosen so that the parasitic capacitance
seen at the output of the IF amplifiers is resonated at the fre-
quency of interest. Figure 28 shows how to configure the pull-up
inductors at the output of the IF amplifiers. The 10 nF capaci-
tors are used for ac coupling.
In order to resonate the parasitic capacitors, rearrange Equation
1 to solve for L.
f
LCPAR
0
1
2
=
π
(1)
where f0 is the IF frequency in Hertz, CPAR is the total parasitic
capacitance in Farads, and L is the total shunt inductor value in
henrys.


Số phần tương tự - AD6121_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD6122 AD-AD6122 Datasheet
250Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
AD6122 AD-AD6122_15 Datasheet
903Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
REV. B
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
More results

Mô tả tương tự - AD6121_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD6122 AD-AD6122_15 Datasheet
903Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
REV. B
AD6122 AD-AD6122 Datasheet
250Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com