công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D00670 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện D00670
Giải thích chi tiết về linh kiện  Temperature Controlled Soldering Station
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

D00670 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  D00670 Datasheet HTML 1Page - List of Unclassifed Manufacturers D00670 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Temperature Controlled Soldering
Station
Page <1>
18/09/10 V1.0
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Features:
• Finger tip temperature regulator control (up/down buttons).
• Safe, low voltage 24V iron operation.
• Integral enclosed stand.
• Pull-out tray that houses the sponge.
• ESD version available.
• Mains on/off switch and fuse.
• Range of tips available.
Specifications:
Power supply voltage
: 230 volt (220 to 240 volt)/50Hz.
Electric iron power
: 48 watt.
Equipment power supply fuse
: T1 A/250 volt (50 x 20mm glass pipe).
Regulating scope of temperature
: 150° to 450°C.
Temperature display
: 2 x 31/2 grades LCD display.
Display scope
: 150° to 450°C.
Display precision
: 5%.
Circumstance humidity
: +5°C to +40°C.
Relative humidity
: <85% (not in humidification).
Atmospheric pressure
: 600 to 1000HPa.
Shell size (W x H x D)
: 195 x 87 x 155mm (without electric iron).
Weight
: About 2000 grams.
Specification Table
Description
Voltage Supply
(V)
Part Number
Soldering Station, UK Plug
220 to 240
D00661
Soldering Station, UK Plug, ESD
D00662
Soldering Iron
Description
RoHS
Compliant
Body
Diameter
Length
Body
Length
Lead Length
(m)
Supply AC
Voltage
Part Number
Replacement Soldering Iron
Yes
20
198
125
1.1
24
D00663
Dimensions : Millimetres
Element For Soldering Iron
Description
RoHS Compliant
Part Number
Heating Element, for Iron, 88 to 201A
Yes
D00664
Sponges
Description
Length
External Width
Part Number
Replacement Sponge, PK5
71
41
D0065
Dimensions : Millimetres
Dimensions : Millimetres


Số phần tương tự - D00670

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
California Micro Device...
D006 CALMIRCO-D006 Datasheet
255Kb / 6P
   6 CHANNEL ESD PROTECTION ARRAY
1999
logo
List of Unclassifed Man...
D00601 ETC1-D00601 Datasheet
30Kb / 1P
   Folding Ball End Hex Key Set
D00634 ETC2-D00634 Datasheet
33Kb / 1P
   VDE Snipe Nose Pliers
More results

Mô tả tương tự - D00670

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
PES51 ETC2-PES51 Datasheet
95Kb / 1P
   50 watt Soldering Pencil for WES51 Soldering Station
WESD51 ETC1-WESD51 Datasheet
114Kb / 1P
   Digital Soldering Station; Power Unit, Soldering Pencil, Stand, Sponge
SPG40 ETC2-SPG40 Datasheet
68Kb / 1P
   Weller Replacement Soldering Iron, 40 watts, for WLC100 Soldering Station
WD1001 ETC2-WD1001 Datasheet
44Kb / 1P
   Digital 85W Soldering Station, 120 V
logo
SparkFun Electronics
TOL-14456 SPARKFUN-TOL-14456 Datasheet
106Kb / 1P
   Soldering Iron ??60W (Adjustable Temperature)
11????7
logo
Extech Instruments Corp...
WTH100 EXTECH-WTH100 Datasheet
310Kb / 1P
   Radio Controlled Clock and Weather Station
logo
RUBYCON CORPORATION
JEV RUBYCON-JEV Datasheet
62Kb / 2P
   85oC Standard, High Temperature Reflow Soldering.
logo
List of Unclassifed Man...
WX2021 ETC2-WX2021 Datasheet
46Kb / 1P
   Weller High Powered Digital Soldering Station, 200W, 120 V W/WXMP WXMT
logo
RUBYCON CORPORATION
JGV RUBYCON-JGV Datasheet
61Kb / 2P
   105oC Long Life, High Temperature Reflow Soldering.
logo
Shanghai Leiditech Elec...
SMF4730 LEIDITECH-SMF4730 Datasheet
603Kb / 3P
   For surface mounted applications High temperature soldering guaranteed
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com