công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CB123-30HB bảng dữ liệu(PDF) 2 Page - Cooper Bussmann, Inc.

tên linh kiện CB123-30HB
Giải thích chi tiết về linh kiện  Automotive Circuit Breakers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COOPER [Cooper Bussmann, Inc.]
Trang chủ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CB123-30HB bảng dữ liệu(HTML) 2 Page - Cooper Bussmann, Inc.

  CB123-30HB Datasheet HTML 1Page - Cooper Bussmann, Inc. CB123-30HB Datasheet HTML 2Page - Cooper Bussmann, Inc. CB123-30HB Datasheet HTML 3Page - Cooper Bussmann, Inc. CB123-30HB Datasheet HTML 4Page - Cooper Bussmann, Inc. CB123-30HB Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For product information and Data Sheets, visit www.cooperbussmann.com
12
December 11, 2008
Consumer Aftermarket Catalog
Automotive Circuit Breakers
Part No. (Amps)
CB222-10
CB222-15
CB222-20
CB222-25
CB222-30
CB222 Type II ATC Footprint Circuit Breakers
ATC Breakers
CB221 and CB222 breakers are designed to fit ATC style fuse panels.
Cooper Bussmann ATC breakers are the thinnest available in the
aftermarket. These devices comply with SAE standard J553.
CB227 complies with SAE J553 and SAE J1171 for ignition protection.
Cooper Bussmann also offers three ATC-style breakers as replacement
parts for specific OEM applications - ACB-20, CCB-25, and FCB-20.
Part No. (Amps)
CB223-71/2
CB223-10
CB223-15
CB223-20
CB223-25
CB223-30
Part No. (Amps)
OEM No.
BP/CCB-25
4527053
Part No. (Amps) Blister Pack
CBB-30
X
Part No. (Amps)
OEM No.
BP/FCB-20
D9AB-14526-BA
Color
Part No.
Blister
Tri-Lingual
Code
(Amps)
Pack
Blister
Plain
UCB-6
X
Brown
UCB-8
X
Red
UCB-10
X
Blue
UCB-15
X
X
Yellow
UCB-20
X
Plain
UCB-25
X
Green
UCB-30
X
X
CBB-30 Type II ATC Footprint Circuit Breaker
FCB-20 Type II ATC Footprint Circuit Breaker for Ford Vehicles
CB223 Type III ATC Footprint Circuit Breakers
CCB-25 Type I ATC Footprint Circuit Breaker For
Chrysler Vehicles
UCB Type I ATC Footprint Circuit Breakers
UCB breakers feature "snap-off" universal blades that can easily be sized to
fit applications where fuse block spacing is tight, or the fuse terminal is
recessed.
Color
Part No.
Code
(Amps)
Tan
CB227-5
Moss Green
CB227-6
Brown
CB227-71/2
Red
CB227-10
Blue
CB227-15
Yellow
CB227-20
White
CB227-25
Green
CB227-30
CB227 Type III ATC Footprint Low-Profile Circuit Breakers
Part No. (Amps)
Blister Pack
OEM No.
ACB-20
X
12040816
ACB-20 Type I ATC Footprint Circuit Breaker for GM Vehicles
Part No. (Amps)
CB221-71/2
CB221-10
CB221-15
CB221-20
CB221-25
CB221-30
CB221 Type I ATC Footprint Circuit Breakers


Số phần tương tự - CB123-30HB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
logo
FSP TECHNOLOGY INC.
CB1266F FSP-CB1266F Datasheet
83Kb / 1P
   12V building blocks easily configurable to 154V battery
logo
Wall Industries,Inc.
CB12D12-1250 WALL-CB12D12-1250 Datasheet
208Kb / 4P
   Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
CB12D15-1000 WALL-CB12D15-1000 Datasheet
208Kb / 4P
   Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
CB12D5-3000 WALL-CB12D5-3000 Datasheet
208Kb / 4P
   Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results

Mô tả tương tự - CB123-30HB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
NTE Electronics
R59 NTE-R59 Datasheet
494Kb / 1P
   Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
PHOENIX CONTACT
103943 PHOENIX-103943 Datasheet
157Kb / 5P
   Thermomagnetic circuit breakers
2010-08-18
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Schurter Inc.
TS-710 SCHURTER-TS-710 Datasheet
56Kb / 4P
   CIRCUIT BREAKERS FOR EQUIPMENT
TM12 SCHURTER-TM12 Datasheet
174Kb / 7P
   CIRCUIT BREAKERS FOR EQUIPMENT
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com