công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5532HS bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD5532HS
Giải thích chi tiết về linh kiện  32-Channel 14-Bit DAC with High-Speed 3-Wire Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5532HS bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD5532HS_15 Datasheet HTML 1Page - Analog Devices AD5532HS_15 Datasheet HTML 2Page - Analog Devices AD5532HS_15 Datasheet HTML 3Page - Analog Devices AD5532HS_15 Datasheet HTML 4Page - Analog Devices AD5532HS_15 Datasheet HTML 5Page - Analog Devices AD5532HS_15 Datasheet HTML 6Page - Analog Devices AD5532HS_15 Datasheet HTML 7Page - Analog Devices AD5532HS_15 Datasheet HTML 8Page - Analog Devices AD5532HS_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
AD5532HS
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD5532HS features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1, 2
(TA = 25
°C unless otherwise noted)
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +17 V
VSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –17 V
AVCC to AGND, DAC_GND . . . . . . . . . . . . . –0.3 V to +7 V
DVCC to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Digital Inputs to DGND . . . . . . . . . . –0.3 V to DVCC + 0.3 V
REF_IN to AGND, DAC_GND . . . . . . . . . . . –0.3 V to +7 V
VOUT0–VOUT31 to AGND . . . . . . . VSS – 0.3 V to VDD + 0.3 V
VOUT0–VOUT31 to VSS . . . . . . . . . . . . . . . . . . –0.3 V to +24 V
OFFS_IN to AGND . . . . . . . . . . . VSS – 0.3 V to VDD + 0.3 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Operating Temperature Range
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ max) . . . . . . . . . . . . . . . . . . 150
°C
74-Lead LFBGA Package,
θJA Thermal Impedance . . . 41°C/W
Reflow Soldering
Peak Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
Time at Peak Temperature . . . . . . . . . . . . 10 sec to 40 sec
Max Power Dissipation at TA = 70
°C,
Outputs Loaded . . . . . . . . . . . . . . . . . . . . . . . . . . 550 mW
3
(for TA > 70
°C, derate at 26 mW for each °C over 70°C)
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2 Transient currents of up to 100 mA will not cause SCR latch-up.
3 This limit includes load power and applies only when there is a resistive load on
VOUT outputs.
ORDERING GUIDE
Output
Package
Package
Model
Function
Voltage Span
Description
Option
AD5532HSABC
32 DACs
5 V
74-Ball LFBGA
BC-74
DAC CODE
FULL-SCALE
ERROR
ACTUAL
IDEAL
OFFSET
ERROR
16k
0
Figure 2. DAC Transfer Function (OFFS_IN = 0)


Số phần tương tự - AD5532HS_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5532HSABC AD-AD5532HSABC Datasheet
182Kb / 12P
   32-Channel 14-Bit DAC with High-Speed 3-Wire Serial Interface
REV. 0
More results

Mô tả tương tự - AD5532HS_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5532HS AD-AD5532HS Datasheet
182Kb / 12P
   32-Channel 14-Bit DAC with High-Speed 3-Wire Serial Interface
REV. 0
logo
Maxim Integrated Produc...
MAX5753 MAXIM-MAX5753 Datasheet
415Kb / 25P
   32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface
19-3593; Rev 0; 11/05
logo
Analog Devices
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD45335 AD-AD45335 Datasheet
961Kb / 17P
   32-Channel, 14-Bit DAC with Full-Scale Output
Rev. PrA
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
logo
Maxim Integrated Produc...
MAX5113 MAXIM-MAX5113 Datasheet
8Mb / 27P
   9-Channel, 14-Bit Current DAC with SPI Interface
Rev 2; 5/13
MAX5111 MAXIM-MAX5111 Datasheet
83Kb / 2P
   9-Channel, 14-Bit, Current DAC with I짼C Interface
1/12/2015
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
   9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com