công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5532 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD5532
Giải thích chi tiết về linh kiện  32-Channel, 14-Bit Voltage-Output DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5532 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD5532_15 Datasheet HTML 1Page - Analog Devices AD5532_15 Datasheet HTML 2Page - Analog Devices AD5532_15 Datasheet HTML 3Page - Analog Devices AD5532_15 Datasheet HTML 4Page - Analog Devices AD5532_15 Datasheet HTML 5Page - Analog Devices AD5532_15 Datasheet HTML 6Page - Analog Devices AD5532_15 Datasheet HTML 7Page - Analog Devices AD5532_15 Datasheet HTML 8Page - Analog Devices AD5532_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
32-Channel, 14-Bit
Voltage-Output DAC
AD5532
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2010 Analog Devices, Inc. All rights reserved.
FEATURES
High integration:
32-channel DAC in 12 mm × 12 mm CSPBGA
Adjustable voltage output range
Guaranteed monotonic
Readback capability
DSP/microcontroller compatible serial interface
Output impedance:
0.5 Ω (AD5532-1, AD5532-2)
500 Ω (AD5532-3)
1 kΩ (AD5532-5)
Output voltage span:
10 V (AD5532-1, AD5532-3, AD5532-5)
20 V (AD5532-2)
Infinite sample-and-hold capability to ±0.018% accuracy
Temperature range
−40°C to +85°C
APPLICATIONS
Automatic test equipment
Optical networks
Level setting
Instrumentation
Industrial control systems
Data acquisition
Low cost I/O
GENERAL DESCRIPTION
The AD55321 is a 32-channel, 14-bit voltage-output DAC with
an additional infinite sample-and-hold mode. The selected
DAC register is written to via the 3-wire serial interface; VOUT
for this DAC is then updated to reflect the new contents of the
DAC register. DAC selection is accomplished via Address Bits
A0–A4. The output voltage range is determined by the offset
voltage at the OFFS_IN pin and the gain of the output amplifier.
It is restricted to a range from VSS + 2 V to VDD – 2 V because of
the headroom of the output amplifier.
The device is operated with AVCC = 5 V ± 5%; DVCC = 2.7 V to
5.25 V; VSS = −4.75 V to −16.5 V; and VDD = 8 V to 16.5 V. The
AD5532 requires a stable 3 V reference on REF_IN as well as an
offset voltage on OFFS_IN.
PRODUCT HIGHLIGHTS
1.
32-channel, 14-bit DAC in one package, guaranteed
monotonic.
2.
Available in a 74-lead CSPBGA package with a body size of
12 mm ×12 mm.
3.
Droopless/infinite sample-and-hold mode.
SCLK DIN DOUT
A4–A0
CAL
OFFSET_SEL
AD5532
ADDRESS INPUT REGISTER
DAC
DAC
ADC
MUX
DAC
VIN
TRACK/RESET
BUSY
DAC_GND
AGND
DGND
INTERFACE
CONTROL
LOGIC
SER/PAR
DVCC
VOUT0
OFFS_OUT
VOUT31
AVCC
REF_IN
REF_OUT
OFFS_IN
VDD
VSS
WR
SYNC/CS
Figure 1. Functional Block Diagram


Số phần tương tự - AD5532_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5532-1 AD-AD5532-1 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
More results

Mô tả tương tự - AD5532_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD45335 AD-AD45335 Datasheet
961Kb / 17P
   32-Channel, 14-Bit DAC with Full-Scale Output
Rev. PrA
AD5378 AD-AD5378 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5378 AD-AD5378_15 Datasheet
582Kb / 29P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
REV. A
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
AD5770R AD-AD5770R Datasheet
2Mb / 59P
   6-Channel, 14-Bit, Current Output DAC
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com