công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5531 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD5531
Giải thích chi tiết về linh kiện  Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5531 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD5531_15 Datasheet HTML 1Page - Analog Devices AD5531_15 Datasheet HTML 2Page - Analog Devices AD5531_15 Datasheet HTML 3Page - Analog Devices AD5531_15 Datasheet HTML 4Page - Analog Devices AD5531_15 Datasheet HTML 5Page - Analog Devices AD5531_15 Datasheet HTML 6Page - Analog Devices AD5531_15 Datasheet HTML 7Page - Analog Devices AD5531_15 Datasheet HTML 8Page - Analog Devices AD5531_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5530/AD5531
Rev. B | Page 4 of 20
VDD = 12 V ± 10%; VSS = −12 V ± 10%; GND = 0 V; RL = 5 kΩ and CL = 220 pF to GND; TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter1
AD5530
AD5531
Unit
Test Conditions/Comments
ACCURACY
Resolution
12
14
Bits
Relative Accuracy
±1
±2
LSB max
Differential Nonlinearity
±1
±1
LSB max
Guaranteed monotonic over temperature
Zero-Scale Error
±2
±8
LSB max
Typically within ±1 LSB
Full-Scale Error
±2
±8
LSB max
Typically within ±1 LSB
Gain Error
±1
±4
LSB typ
Gain Temperature Coefficient2
0.5
0.5
ppm FSR/°C typ
10
10
ppm FSR/°C max
REFERENCE INPUTS2
Reference Input Range
0 to 4.096
0 to 4.096
V min to V max
Max output range ±8.192 V
DC Input Resistance
100
100
MΩ typ
Input Current
±1
±1
μA max
Per input, typically ±20 nA
DUTGND INPUT2
DC Input Impedance
60
60
kΩ typ
Max Input Current
±0.3
±0.3
mA typ
Input Range
−3 to +3
−3 to +3
V min to V max
Max output range ±8.192 V
O/P CHARACTERISTICS2
Output Voltage Swing
±8.192
±8.192
V max
Short-Circuit Current
15
15
mA max
Resistive Load
5
5
kΩ min
To 0 V
Capacitive Load
1200
1200
pF max
To 0 V
DC Output Impedance
0.5
0.5
Ω max
DIGITAL I/O
VINH, Input High Voltage
2.4
2.4
V min
VINL, Input Low Voltage
0.8
0.8
V max
IINH, Input Current
±10
±10
μA max
Total for all pins
CIN, Input Capacitance2
10
10
pF max
3 pF typical
SDO VOL, Output Low Voltage
0.4
0.4
V max
ISINK = 1 mA
POWER REQUIREMENTS
VDD/VSS
+12/−12
+12/−12
V nom
±10% for specified performance
Power Supply Sensitivity
ΔFull Scale/ΔVDD
110
110
dB typ
ΔFull Scale/ΔVSS
100
100
dB typ
IDD
2
2
mA max
Outputs unloaded
ISS
2
2
mA max
Outputs unloaded
IDD in Power-Down
150
150
μA max
Typically 50 μA
1 Temperature range for B Version: −40°C to +85°C.
2 Guaranteed by design, not subject to production test.


Số phần tương tự - AD5531_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5531BRU AD-AD5531BRU Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
AD5531BRU AD-AD5531BRU Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531BRU-REEL AD-AD5531BRU-REEL Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531BRU-REEL7 AD-AD5531BRU-REEL7 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531BRUZ-REEL1 AD-AD5531BRUZ-REEL1 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
More results

Mô tả tương tự - AD5531_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5530 AD-AD5530_15 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5530 AD-AD5530_07 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7617 BURR-BROWN-DAC7617 Datasheet
302Kb / 14P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com