công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5520 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD5520
Giải thích chi tiết về linh kiện  Per Pin Parametric Measurement Unit/Source Measure Unit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5520 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD5520_15 Datasheet HTML 3Page - Analog Devices AD5520_15 Datasheet HTML 4Page - Analog Devices AD5520_15 Datasheet HTML 5Page - Analog Devices AD5520_15 Datasheet HTML 6Page - Analog Devices AD5520_15 Datasheet HTML 7Page - Analog Devices AD5520_15 Datasheet HTML 8Page - Analog Devices AD5520_15 Datasheet HTML 9Page - Analog Devices AD5520_15 Datasheet HTML 10Page - Analog Devices AD5520_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD5520
Rev. B | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVCC to AVEE
34 V
AVCC to AGND
−0.3 V, +17 V
AVEE to AGND
+0.3 V, −17 V
DVDD
−0.3 V to +6 V
Digital Inputs to DGND
−0.3 V to DVDD + 0.3 V
Analog Inputs to AGND
AVCC + 0.3 V to AVEE – 0.3 V
CLH to CLL
−0.3 V to +34 V
CPH to CPL
−0.3 V to +34 V
REFGND, DGND
AVCC + 0.3 V to AVEE – 0.3 V
Operating Temperature Range
Commercial (J Version)
0
°C to 70°C
Storage Temperature Range
−65
°C to +150°C
Maximum Junction Temperature,
(TJ max)
150
°C
Package Power Dissipation
(TJ max – TA)/θJA
Thermal Impedance θJA
47.8
°C /W
Lead Temperature
(Soldering 10 sec)
300
°C
IR Reflow, Peak Temperature
220
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Số phần tương tự - AD5520_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results

Mô tả tương tự - AD5520_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
logo
Keysight Technologies
U2722A KEYSIGHT-U2722A Datasheet
2Mb / 15P
   Modular Source Measure Unit
U2723A KEYSIGHT-U2723A Datasheet
2Mb / 15P
   Modular Source Measure Unit
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com