công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5452YUJZ-REEL bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD5452YUJZ-REEL
Giải thích chi tiết về linh kiện  8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5452YUJZ-REEL bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD5452YUJZ-REEL Datasheet HTML 1Page - Analog Devices AD5452YUJZ-REEL Datasheet HTML 2Page - Analog Devices AD5452YUJZ-REEL Datasheet HTML 3Page - Analog Devices AD5452YUJZ-REEL Datasheet HTML 4Page - Analog Devices AD5452YUJZ-REEL Datasheet HTML 5Page - Analog Devices AD5452YUJZ-REEL Datasheet HTML 6Page - Analog Devices AD5452YUJZ-REEL Datasheet HTML 7Page - Analog Devices AD5452YUJZ-REEL Datasheet HTML 8Page - Analog Devices AD5452YUJZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
8-/10-/12-/14-Bit High Bandwidth
Multiplying DACs with Serial Interface
Data Sheet
AD5450/AD5451/AD5452/AD5453
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
12 MHz multiplying bandwidth
INL of ±0.25 LSB at 8-bit
8-lead TSOT and MSOP packages
2.5 V to 5.5 V supply operation
Pin-compatible 8-/10-/12-/14-bit current output DACs
±10 V reference input
50 MHz serial interface
2.7 MSPS update rate
Extended temperature range: –40°C to +125°C
4-quadrant multiplication
Power-on reset with brownout detect
<0.4 µA typical current consumption
Guaranteed monotonic
Qualified for automotive applications
APPLICATIONS
Portable battery-powered applications
Waveform generators
Analog processing
Instrumentation applications
Programmable amplifiers and attenuators
Digitally controlled calibration
Programmable filters and oscillators
Composite video
Ultrasound
Gain, offset, and voltage trimming
FUNCTIONAL BLOCK DIAGRAM
8-/10-/12-/14-BIT REF
R-2R DAC
DAC REGISTER
INPUT LATCH
POWER-ON
RESET
CONTROL LOGIC
AND INPUT SHIFT
REGISTER
R
IOUT1
RFB
VDD
VREF
GND
SDIN
SCLK
SYNC
AD5450/
AD5451/
AD5452/
AD5453
Figure 1.
GENERAL DESCRIPTION
The AD5450/AD5451/AD5452/AD54531 are CMOS 8-/10-/12-/
14-bit current output digital-to-analog converters, respectively.
These devices operate from a 2.5 V to 5.5 V power supply,
making them suited to several applications, including battery-
powered applications.
As a result of manufacture on a CMOS submicron process,
these DACs offer excellent 4-quadrant multiplication
characteristics of up to 12 MHz.
These DACs use a double-buffered, 3-wire serial interface that
is compatible with SPI®, QSPI™, MICROWIRE™, and most DSP
interface standards. Upon power-up, the internal shift register
and latches are filled with 0s, and the DAC output is at zero scale.
The applied external reference input voltage (VREF) determines
the full-scale output current. These parts can handle ±10 V
inputs on the reference, despite operating from a single-supply
power supply of 2.5 V to 5.5 V. An integrated feedback resistor
(RFB) provides temperature tracking and full-scale voltage
output when combined with an external current-to-voltage
precision amplifier.
The AD5450/AD5451/AD5452/AD5453 DACs are available in
small 8-lead TSOT, and the AD5452/AD5453 are also available
in MSOP packages. The AD5453 also comes in 8-lead LFCSP.
The EV-AD5443/46/53SDZ evaluation board is available for
evaluating DAC performance. For more information, see the UG-
327 evaluation board user guide.
1
U.S. Patent Number 5,689,257.


Số phần tương tự - AD5452YUJZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5452YUJZ-REEL AD-AD5452YUJZ-REEL Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452YUJZ-REEL7 AD-AD5452YUJZ-REEL7 Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD5452YUJZ-REEL7 AD-AD5452YUJZ-REEL7 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

Mô tả tương tự - AD5452YUJZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450 Datasheet
125Kb / 16P
   8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. PrD Oct, 2003
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com