công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N2893A bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện N2893A
Giải thích chi tiết về linh kiện  InfiniiVision Oscilloscope Probes and Accessories
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

N2893A bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button N2893A Datasheet HTML 3Page - List of Unclassifed Manufacturers N2893A Datasheet HTML 4Page - List of Unclassifed Manufacturers N2893A Datasheet HTML 5Page - List of Unclassifed Manufacturers N2893A Datasheet HTML 6Page - List of Unclassifed Manufacturers N2893A Datasheet HTML 7Page - List of Unclassifed Manufacturers N2893A Datasheet HTML 8Page - List of Unclassifed Manufacturers N2893A Datasheet HTML 9Page - List of Unclassifed Manufacturers N2893A Datasheet HTML 10Page - List of Unclassifed Manufacturers N2893A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
07 | Keysight | InfiniiVision Oscilloscope Probes and Accessories - Data Sheet
High-voltage Passive
Probes
– Ideal for measuring up to 30 kV
– Up to 500 MHz bandwidth
– 100:1 or 1000:1 attenuation
10076C high-voltage probe
The Keysight 10076C 4 kV 100:1 passive
probe gives you the voltage and
bandwidth you need for making
high-voltage measurements. Its compact
design makes it easier to probe today’s
small power electronics components and
its rugged construction means it can
withstand rough handling without
breaking.
N2771B high-voltage probe
The N2771B is a 1000:1 divider probe for
the measurement of fast high voltage
signals up to 30 kV dc + peak ac, 10 kV
rms.
The probe’s large size and rugged
construction provide superior protection.
The ground lead is fed through the body of
the probe and protrudes behind the safety
barrier, keeping the ground
connection away from the high voltage.
Typical applications include PMTs, motor
drives, high voltage switches, magnatrons,
and modern projection systems.
Characteristics 10076C
Characteristics for N2771B
Ordering information for
Keysight high-voltage probe
Bandwidth
500 MHz (–3 dB)
Risetime (calculated) < 0.7 ns
Attenuation ratio
100:1
Input resistance
66.7 MΩ (when
terminated into 1 MΩ)
Input capacitance
Approx 3 pF
Maximum input
4000 Vpk
Compensation
6 to 20 pF
range
Probe readout
Yes
Cable length
1.8 m
Bandwidth
50 MHz (–3 dB)
Risetime
< 7 ns
Attenuation ratio
1000:1
Input resistance
100 MΩ (when terminated
into 1 MΩ)
Input capacitance
1 pF
Compensation
range
6 to 20 pF
Max. voltage
15 kV dc, 10 kV rms,
30 kV dc + peak ac
Operating
temperature
0 to +50 °C,
80% RH
Storage tempera-
ture
–20 to +70
Dimensions
2 cm (max width of probe
stem after handle) x 33 cm
7.5 cm (max probe width
at probe handle) x 33 cm
10076C
High-voltage probe: includes
one retractable hook tip,
one-ground-bayonet, one IC
probing tip, one-alligator ground
lead, one-spring ground tip and a
compensation screwdriver
N2771B
High-voltage probe:
includes alligator ground lead,
1-sharp-probe tip
10077A
Accessory kit for 10076A/C:
includes one retractable
pincher tip, one ground lead, one
insulation cap, two measuring
pins and two colored tags
N2789A
Spring ground tip for 10076B/C
10076C passive probe
N2771B high-voltage probe
10077A accessory kit for 10076A/B
N2771B derating curve
10076C derating curve


Số phần tương tự - N2893A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
N2893A KEYSIGHT-N2893A Datasheet
2Mb / 38P
   InfiniiVision 3000T X- Series
N2893A KEYSIGHT-N2893A Datasheet
3Mb / 21P
   InfiniiVision PXIe Modular Oscilloscopes
More results

Mô tả tương tự - N2893A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
P250BR ETC2-P250BR Datasheet
195Kb / 2P
   Oscilloscope / Differential Probes
logo
Pomona Electronics
6552 POMONA-6552 Datasheet
65Kb / 2P
   Microline Oscilloscope Probes
5800A POMONA-5800A Datasheet
86Kb / 2P
   General Purpose Oscilloscope Probes
logo
Keysight Technologies
DSOXDVM KEYSIGHT-DSOXDVM Datasheet
785Kb / 2P
   InfiniiVision X-Series Oscilloscope Measurement Options
54754A KEYSIGHT-54754A Datasheet
5Mb / 16P
   DCA Probes Accessories
DSOX6VID KEYSIGHT-DSOX6VID Datasheet
785Kb / 2P
   InfiniiVision X-Series Oscilloscope Measurement Options
logo
Extech Instruments Corp...
HDV-5CAM-10F EXTECH-HDV-5CAM-10F Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
HDV-TX1 EXTECH-HDV-TX1 Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
HDV-WTX2L EXTECH-HDV-WTX2L Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
HDV-25CAM-30G EXTECH-HDV-25CAM-30G Datasheet
697Kb / 1P
   HDV Accessories VideoScope Camera probes & accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com