công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5425 bảng dữ liệu(PDF) 7 Page - Analog Devices |
|
AD5425 bảng dữ liệu(HTML) 7 Page - Analog Devices |
7 / 25 page AD5425 Data Sheet Rev. C | Page 6 of 24 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Rating V DD to GND −0.3 V to +7 V V REF, RFB to GND −12 V to +12 V I OUT1, IOUT2 to GND −0.3 V to V DD + 0.3 V Logic Input and Output1 −0.3 V to V DD + 0.3 V Operating Temperature Range Extended Industrial (Y Version) −40°C to +125°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C 10-lead MSOP θ JA Thermal Impedance 206°C/W Lead Temperature, Soldering (10 secs) 300°C IR Reflow, Peak Temperature (<20 secs) 235°C 1 Overvoltages at SCLK, SYNC, DIN, and LDAC are clamped by internal diodes. Current should be limited to the maximum ratings given. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Số phần tương tự - AD5425_15 |
|
Mô tả tương tự - AD5425_15 |