công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5424 bảng dữ liệu(PDF) 7 Page - Analog Devices |
|
AD5424 bảng dữ liệu(HTML) 7 Page - Analog Devices |
7 / 29 page AD5424/AD5433/AD5445 Data Sheet Rev. D | Page 6 of 28 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Rating VDD to GND –0.3 V to +7 V VREF, RFB to GND –12 V to +12 V IOUT1, IOUT2 to GND –0.3 V to +7 V Logic Inputs and Output1 –0.3 V to VDD + 0.3 V Operating Temperature Range Extended Industrial (Y Version) –40°C to +125°C Storage Temperature Range –65°C to +150°C Junction Temperature 150°C 16-Lead TSSOP θJA Thermal Impedance 150°C/W 20-Lead TSSOP θJA Thermal Impedance 143°C/W 20-Lead LFCSP θJA Thermal Impedance 135°C/W Lead Temperature, Soldering (10 sec) 300°C IR Reflow, Peak Temperature (<20 sec) 235°C 1 Overvoltages at DBx, CS, and R/W, are clamped by internal diodes. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Số phần tương tự - AD5424_15 |
|
Mô tả tương tự - AD5424_15 |