công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5380 bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
AD5380 bảng dữ liệu(HTML) 6 Page - Analog Devices |
6 / 40 page AD5380 Data Sheet Parameter AD5380-51 Unit Test Conditions/Comments LOGIC INPUTS (SDA, SCL ONLY)3 VIH, Input High Voltage 0.7 × DVDD V min SMBus compatible at DVDD < 3.6 V VIL, Input Low Voltage 0.3 × DVDD V max SMBus compatible at DVDD < 3.6 V IIN, Input Leakage Current ±1 µA max VHYST, Input Hysteresis 0.05 × DVDD V min CIN, Input Capacitance 8 pF typ Glitch Rejection 50 ns max Input filtering suppresses noise spikes of less than 50 ns LOGIC OUTPUTS (BUSY, SDO)3 VOL, Output Low Voltage 0.4 V max DVDD = 5 V ± 10%, sinking 200 µA VOH, Output High Voltage DVDD – 1 V min DVDD = 5 V ± 10%, sourcing 200 µA VOL, Output Low Voltage 0.4 V max DVDD = 2.7 V to 3.6 V, sinking 200 µA VOH, Output High Voltage DVDD – 0.5 V min DVDD = 2.7 V to 3.6 V, sourcing 200 µA High Impedance Leakage Current ±1 µA max SDO only High Impedance Output Capacitance 5 pF typ SDO only LOGIC OUTPUT (SDA)3 VOL, Output Low Voltage 0.4 V max ISINK = 3 mA 0.6 V max ISINK = 6 mA Three-State Leakage Current ±1 µA max Three-State Output Capacitance 8 pF typ POWER REQUIREMENTS AVDD 4.5/5.5 V min/max DVDD 2.7/5.5 V min/max Power Supply Sensitivity3 ∆Midscale/∆ΑVDD –85 dB typ AIDD 0.375 mA/channel max Outputs unloaded; boost off; 0.25 mA/channel typ 0.475 mA/channel max Outputs unloaded; boost on; 0.325 mA/channel typ DIDD 1 mA max VIH = DVDD, VIL = DGND AIDD (Power-Down) 20 µA max Typically 100 nA DIDD (Power-Down) 20 µA max Typically 1 µA Power Dissipation 80 mW max Outputs unloaded, boost off, AVDD = DVDD = 5 V 1 AD5380-5 is calibrated using an external 2.5 V reference. Temperature range for all versions: –40°C to +85°C. 2 Accuracy guaranteed from VOUT= 10 mV to AVDD – 50 mV. 3 Guaranteed by characterization, not production tested. 4 Default on the AD5380-5 is 2.5 V. Programmable to 1.25 V via CR12 in the AD5380 control register; operating the AD5380-5 with a 1.25 V reference will lead to degraded accuracy specifications. Rev. D | Page 6 of 40 |
Số phần tương tự - AD5380_15 |
|
Mô tả tương tự - AD5380_15 |