công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5372 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD5372
Giải thích chi tiết về linh kiện  32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5372 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD5372_15 Datasheet HTML 2Page - Analog Devices AD5372_15 Datasheet HTML 3Page - Analog Devices AD5372_15 Datasheet HTML 4Page - Analog Devices AD5372_15 Datasheet HTML 5Page - Analog Devices AD5372_15 Datasheet HTML 6Page - Analog Devices AD5372_15 Datasheet HTML 7Page - Analog Devices AD5372_15 Datasheet HTML 8Page - Analog Devices AD5372_15 Datasheet HTML 9Page - Analog Devices AD5372_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AD5372/AD5373
Rev. C | Page 5 of 28
Parameter
AD53721
B Version
AD53731
B Version
Unit
Test Conditions/Comments2
POWER REQUIREMENTS
DVCC
2.5/5.5
2.5/5.5
V min/V max
VDD
9/16.5
9/16.5
V min/V max
VSS
−16.5/−4.5
−16.5/−4.5
V min/V max
Power Supply Sensitivity2
∆Full Scale/∆VDD
−75
−75
dB typ
∆Full Scale/∆VSS
−75
−75
dB typ
∆Full Scale/∆DVCC
−90
−90
dB typ
DICC
2
2
mA max
DVCC = 5.5 V, VIH = DVCC, VIL = GND
IDD
16
16
mA max
Outputs unloaded, DAC outputs = 0 V
18
18
mA max
Outputs unloaded, DAC outputs = full scale
ISS
−16
−16
mA max
Outputs unloaded, DAC outputs = 0 V
−18
−18
mA max
Outputs unloaded, DAC outputs = full scale
Power-Down Mode
Bit 0 in the control register is 1
DICC
5
5
μA typ
IDD
35
35
μA typ
ISS
−35
−35
μA typ
Power Dissipation (Unloaded)
250
250
mW typ
VSS = −8 V, VDD = 9.5 V, DVCC = 2.5 V
Junction Temperature3
130
130
°C max
TJ = TA + PTOTAL × θJA
1 Temperature range for B version: −40°C to +85°C. Typical specifications are at 25°C.
2 Guaranteed by design and characterization; not production tested.
3 θJA represents the package thermal impedance.
AC CHARACTERISTICS
DVCC = 2.5 V; VDD = 15 V; VSS = −15 V; VREF0 = VREF1 = 3 V; AGND = DGND = SIGGNDx = 0 V; CL = 200 pF; RL = 10 kΩ; gain (M),
offset (C), and DAC offset registers at default values; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
B Version
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
Output Voltage Settling Time
20
μs typ
Full-scale change
30
μs max
DAC latch contents alternately loaded with all 0s and all 1s
Slew Rate
1
V/μs typ
Digital-to-Analog Glitch Energy
5
nV-s typ
Glitch Impulse Peak Amplitude
10
mV max
Channel-to-Channel Isolation
100
dB typ
VREF0, VREF1 = 2 V p-p, 1 kHz
DAC-to-DAC Crosstalk
10
nV-s typ
Digital Crosstalk
0.2
nV-s typ
Digital Feedthrough
0.02
nV-s typ
Effect of input bus activity on DAC output under test
Output Noise Spectral Density @ 10 kHz
250
nV/√Hz typ
VREF0 = VREF1 = 0 V
1 Guaranteed by design and characterization; not production tested.


Số phần tương tự - AD5372_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5372BCPZ AD-AD5372BCPZ Datasheet
307Kb / 25P
   32-Channel, 16/14, Serial Input, Voltage-Output DACs
Rev. PrF
AD5372BSTZ AD-AD5372BSTZ Datasheet
307Kb / 25P
   32-Channel, 16/14, Serial Input, Voltage-Output DACs
Rev. PrF
More results

Mô tả tương tự - AD5372_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5362 AD-AD5362 Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5362 AD-AD5362_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5378 AD-AD5378 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5378 AD-AD5378_15 Datasheet
582Kb / 29P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29