công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5363 bảng dữ liệu(PDF) 5 Page - Analog Devices |
|
AD5363 bảng dữ liệu(HTML) 5 Page - Analog Devices |
5 / 29 page AD5362/AD5363 Rev. A | Page 4 of 28 SPECIFICATIONS DVCC = 2.5 V to 5.5 V; VDD = 9 V to 16.5 V; VSS = −16.5 V to −4.5 V; VREF = 5 V; AGND = DGND = SIGGND0 = SIGGND1 = 0 V; RL = open circuit; gain (M), offset (C), and DAC offset registers at default values; all specifications TMIN to TMAX, unless otherwise noted. Table 2. Parameter B Version1 Unit Test Conditions/Comments ACCURACY Resolution 16 Bits AD5362 14 Bits AD5363 Integral Nonlinearity (INL) ±4 LSB max AD5362 ±1 LSB max AD5363 Differential Nonlinearity (DNL) ±1 LSB max Guaranteed monotonic by design over temperature Zero-Scale Error ±15 mV max Before calibration Full-Scale Error ±20 mV max Before calibration Gain Error 0.1 % FSR Before calibration Zero-Scale Error2 1 LSB typ After calibration Full-Scale Error2 1 LSB typ After calibration Span Error of Offset DAC ±75 mV max See the Offset DACs section for details VOUTx3 Temperature Coefficient 5 ppm FSR/°C typ Includes linearity, offset, and gain drift DC Crosstalk2 180 μV max Typically 20 μV; measured channel at midscale, full-scale change on any other channel REFERENCE INPUTS (VREF0, VREF1)2 VREFx Input Current ±10 μA max Per input; typically ±30 nA VREFx Range2 2/5 V min/V max ±2% for specified operation SIGGND0 AND SIGGND1 INPUTS2 DC Input Impedance 50 kΩ min Typically 55 kΩ Input Range ±0.5 V min/V max SIGGNDx Gain 0.995/1.005 min/max OUTPUT CHARACTERISTICS2 Output Voltage Range VSS + 1.4 V min ILOAD = 1 mA VDD − 1.4 V max ILOAD = 1 mA Nominal Output Voltage Range −10 to +10 V Short-Circuit Current 15 mA max VOUTx3 to DVCC, VDD, or VSS Load Current ±1 mA max Capacitive Load 2200 pF max DC Output Impedance 0.5 Ω max MONITOR PIN (MON_OUT)2 Output Impedance DAC Output at Positive Full Scale 1000 Ω typ DAC Output at Negative Full Scale 500 Ω typ Three-State Leakage Current 100 nA typ Continuous Current Limit 2 mA max DIGITAL INPUTS Input High Voltage 1.7 V min DVCC = 2.5 V to 3.6 V 2.0 V min DVCC = 3.6 V to 5.5 V Input Low Voltage 0.8 V max DVCC = 2.5 V to 5.5 V Input Current ±1 μA max RESET, SYNC, SDI, and SCLK pins ±20 μA max CLR, BIN/2SCOMP, and GPIO pins Input Capacitance2 10 pF max |
Số phần tương tự - AD5363_15 |
|
Mô tả tương tự - AD5363_15 |