công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STF40120C bảng dữ liệu(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd |
|
STF40120C bảng dữ liệu(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd |
3 / 4 page SANGDEST MICROELECTRONICS Technical Data Green Products Data Sheet N1382, Rev. - • Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113 (86) 25-87123907 • • FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn • STF40120C(R) Electrical Characteristics: * Pulse Width < 300µs, Duty Cycle <2% Thermal-Mechanical Specifications: Characteristics Symbol Condition Specification Units Junction Temperature TJ - -55 to +150 °C Storage Temperature Tstg - -55 to +150 °C Maximum Thermal Resistance Junction to Case (per leg) RθJC DC operation 4.0 °C/W Approximate Weight wt - 2 g Case Style ITO-220AB Characteristics Symbol Condition Max. Units VF1 @ 20A, Pulse, TJ = 25 °C 0.88 V Forward Voltage Drop (per leg)* VF2 @ 20A, Pulse, TJ = 125 °C 0.71 V Reverse Current (per leg) IR1 @VR = rated VR TJ = 25 °C 0.5 mA Reverse Current (per leg) * IR2 @VR = rated VR TJ = 125 °C 45 mA Junction Capacitance (per leg) CT @VR = 5V, TC = 25 °C fSIG = 1MHz 1000 pF Voltage Rate of Change dv/dt - 10,000 V/ µs Clip mounting, the epoxy body away from the heatsink edge by more than 0.110" along the lead direction. 4500 Clip mounting, the epoxy body is inside the heatsink. 3500 RSM Isolation Voltage (t = 1.0 second, R. H. < =30%, TA = 25 °C) VISO Screw mounting, the epoxy body is inside the heatsink. 1500 V |
Số phần tương tự - STF40120C |
|
Mô tả tương tự - STF40120C |