công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5346 bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
AD5346 bảng dữ liệu(HTML) 6 Page - Analog Devices |
6 / 24 page AD5346/AD5347/AD5348 Rev. 0 | Page 6 of 24 ABSOLUTE MAXIMUM RATINGS Table 4. TA = 25°C, unless otherwise noted Parameter Rating VDD to GND –0.3 V to +7 V Digital Input Voltage to GND –0.3 V to VDD + 0.3 V Digital Output Voltage to GND –0.3 V to VDD + 0.3 V Reference Input Voltage to GND –0.3 V to VDD + 0.3 V VOUT to GND –0.3 V to VDD + 0.3 V Operating Temperature Range Industrial (B Version) –40°C to +105°C Storage Temperature Range –65°C to +150°C Junction Temperature 150°C 38-Lead TSSOP Package Power Dissipation (TJ max − TA)/ θJA mW θJA Thermal Impedance 98.3°C/W θJC Thermal Impedance 8.9°C/W 40-Lead LFCSP Package Power Dissipation (TJ max − TA)/ θJA mW θJA Thermal Impedance (3-layer board) 29.6°C/W Lead Temperature, Soldering (10 sec) 300°C IR Reflow, Peak Temperature 220°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Số phần tương tự - AD5346_15 |
|
Mô tả tương tự - AD5346_15 |